Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 14Page - STMicroelectronics STM8S003F3 Datasheet HTML 15Page - STMicroelectronics STM8S003F3 Datasheet HTML 16Page - STMicroelectronics STM8S003F3 Datasheet HTML 17Page - STMicroelectronics STM8S003F3 Datasheet HTML 18Page - STMicroelectronics STM8S003F3 Datasheet HTML 19Page - STMicroelectronics STM8S003F3 Datasheet HTML 20Page - STMicroelectronics STM8S003F3 Datasheet HTML 21Page - STMicroelectronics STM8S003F3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
Product overview
STM8S003F3 STM8S003K3
18/103
DS7147 Rev 10
4.12
TIM4 - 8-bit basic timer
•
8-bit autoreload, adjustable prescaler ratio to any power of 2 from 1 to 128
•
Clock source: CPU clock
•
Interrupt source: 1 x overflow/update
4.13
Analog-to-digital converter (ADC1)
STM8S003F3/K3 value line products contain a 10-bit successive approximation A/D
converter (ADC1) with up to 5 external multiplexed input channels and the following main
features:
•
Input voltage range: 0 to VDDA
•
Conversion time: 14 clock cycles
•
Single and continuous, buffered continuous conversion modes
•
Buffer size (10 x 10 bits)
•
Scan mode for single and continuous conversion of a sequence of channels
•
Analog watchdog capability with programmable upper and lower thresholds
•
Analog watchdog interrupt
•
External trigger input
•
Trigger from TIM1 TRGO
•
End of conversion (EOC) interrupt
Note:
Additional AIN12 analog input is not selectable in ADC scan mode or with analog watchdog.
Values converted from AIN12 are stored only into the ADC_DRH/ADC_DRL registers.
4.14
Communication interfaces
The following communication interfaces are implemented:
•
UART1: full feature UART, synchronous mode, SPI master mode, SmartCard mode,
IrDA mode, LIN2.1 master capability
•
SPI: full and half-duplex, 8 Mbit/s
•
I²C: up to 400 Kbit/s
Table 3. TIM timer features
Timer
Counter
size
(bits)
Prescaler
Counting
mode
CAPCOM
channels
Complem.
outputs
Ext.
trigger
Timer
synchr-
onization/
chaining
TIM1
16
Any integer from 1 to 65536
Up/down
4
3
Yes
No
TIM2
16
Any power of 2 from 1 to 32768
Up
3
0
No
TIM4
8
Any power of 2 from 1 to 128
Up
0
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com