Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 15Page - STMicroelectronics STM8S003F3 Datasheet HTML 16Page - STMicroelectronics STM8S003F3 Datasheet HTML 17Page - STMicroelectronics STM8S003F3 Datasheet HTML 18Page - STMicroelectronics STM8S003F3 Datasheet HTML 19Page - STMicroelectronics STM8S003F3 Datasheet HTML 20Page - STMicroelectronics STM8S003F3 Datasheet HTML 21Page - STMicroelectronics STM8S003F3 Datasheet HTML 22Page - STMicroelectronics STM8S003F3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
DS7147 Rev 10
19/103
STM8S003F3 STM8S003K3
Product overview
29
4.14.1
UART1
Main features
•
1 Mbit/s full duplex SCI
•
SPI emulation
•
High precision baud rate generator
•
Smartcard emulation
•
IrDA SIR encoder decoder
•
LIN master mode
•
Single wire half duplex mode
Asynchronous communication (UART mode)
•
Full duplex communication - NRZ standard format (mark/space)
•
Programmable transmit and receive baud rates up to 1 Mbit/s (fCPU/16) and capable of
following any standard baud rate regardless of the input frequency
•
Separate enable bits for transmitter and receiver
•
Two receiver wakeup modes:
–
Address bit (MSB)
–
Idle line (interrupt)
•
Transmission error detection with interrupt generation
•
Parity control
Synchronous communication
•
Full duplex synchronous transfers
•
SPI master operation
•
8-bit data communication
•
Maximum speed: 1 Mbit/s at 16 MHz (fCPU/16)
LIN master mode
•
Emission: generates 13-bit synch. break frame
•
Reception: detects 11-bit break frame
4.14.2
SPI
•
Maximum speed: 8 Mbit/s (fMASTER/2) both for master and slave
•
Full duplex synchronous transfers
•
Simplex synchronous transfers on two lines with a possible bidirectional data line
•
Master or slave operation - selectable by hardware or software
•
CRC calculation
•
1 byte Tx and Rx buffer
•
Slave/master selection input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com