Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CSJ Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 21Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 22Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 23Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 24Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 25Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Data Sheet
22
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Electrical characteristics
Output current limitation
ICC,lim
-150 –
-70
mA 0 V < VCC <3.1 V
P_6.1.38
Load regulation
∆VCC,lo
–25
50
mV 0.05 mA < ICC <70 mA;
VS = 13.5 V
P_6.1.39
Line regulation
∆VCC,li
–25
50
mV ICC =1 mA;
4.066 V < VS <28 V
P_6.1.40
Power supply ripple rejection PSRR
50
60
–
dB
2) ICC = 50 mA; f = 100 Hz;
Vr =0.5 Vpp; VS = 13.5 V
P_6.1.41
Undervoltage reset threshold VCC,UV
2.82 2.90 2.96 V
VCC decreasing
P_6.1.42
Undervoltage reset hysteresis VCC,UV,hy
33
66
–
mV –
P_6.1.43
Undervoltage detection time tdet,RST
1–
20
µs
2) VCC =2.31V
CNRST=20pF
P_6.1.44
Receiver output: RxD
“High” level output voltage
VRxD,H
0.8
×VCC
––
V
IRxD =-2mA; VBUS = VS
P_6.1.45
“Low” level output voltage
VRxD,L
–
–
0.2
×VCC
V
IRxD =2 mA; VBUS =0V
P_6.1.46
Transmission input: TxD
“High” level input voltage
range
VTxD,H
0.7
×VCC
–
–
V
Recessive state
P_6.1.47
“Low” level input voltage
range
VTxD,L
–
–
0.3
×VCC
VDominant state
P_6.1.48
Input hysteresis
VTxD,hys
200
–
–
mV –
P_6.1.49
Pull-up resistance
RTxD
15
30
60
kΩ
–
P_6.1.50
TxD time-out
tTxD
818
28
ms
–
P_6.1.51
TxD recessive release time
tto,rec
––
10
µs
2)
P_6.1.52
Input capacitance
Ci_TxD
–5
–pF
2)
P_6.1.93
BUS receiver: BUS
Receiver threshold voltage,
recessive to dominant edge
Vth_dom
0.4
×VS
0.44
×VS
–V
VS <18 V;
P_6.1.53
Receiver dominant state
VBUSdom
-27
–
0.4
×VS
V
LIN Spec 2.2A (Par. 17)4)
P_6.1.54
Receiver threshold voltage,
dominant to recessive edge
Vth_rec
–
0.56
×VS
0.6
×VS
V
VS <18 V;
P_6.1.55
Receiver recessive state
VBUSrec
0.6
×VS
–
40
V
LIN Spec 2.2A (Par. 18)5)
P_6.1.56
Receiver center voltage
VBUS_CNT
0.475
×VS
0.5
×VS
0.525
×VS
V
LIN Spec 2.2A (Par. 19)6)
VS < 18V;
P_6.1.57
Table 6
Electrical characteristics (cont’d)
5.5 V < VS <28 V; RLIN = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin1); unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com