Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CSJ Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 21Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 22Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 23Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 24Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 25Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 26Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
23
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Electrical characteristics
Receiver hysteresis
VHYS
0.07
×VS
0.12
×VS
0.175
×VS
V
LIN Spec 2.2A (Par. 20)7)
VS <18 V;
P_6.1.58
Wake-up threshold voltage
VBUS,wk
0.4
×VS
0.5
×VS
0.6
×VS
V–
P_6.1.59
BUS transmitter: BUS
BUS recessive output voltage VBUS,ro
0.8
×VS
–VS
V
TxD = “high”; Open load
P_6.1.60
BUS short-circuit current
IBUS_LIM
40
85
125
mA VBUS =18 V;
LIN Spec 2.2A (Par. 12);
P_6.1.61
Leakage current
IBUS_NO_GND -1
-0.5
–
mA VS =0 V; VBUS =-12 V;
LIN Spec 2.2A (Par. 15)
P_6.1.62
Leakage current
IBUS_NO_BAT –1
5
µA
VS =0 V; VBUS =18V;
LIN Spec 2.2A (Par. 16)
P_6.1.63
Leakage current
IBUS_PAS_dom -1
-0.5
–
mA VS =18 V; VBUS =0V;
LIN Spec 2.2A (Par. 13)
P_6.1.64
Leakage current
IBUS_PAS_rec –1
5
µA
VS =8 V; VBUS =18V;
Driver stage “off”;
TxD = “high”;
LIN Spec 2.2A (Par. 14)
P_6.1.65
Forward voltage serial diode
VSerDiode
0.4
–
1.0
V
ISerDiode =- 75 µA
LIN Spec 2.2A (Par.21)
P_6.1.66
BUS pull-up resistance
Rslave
20
40
60
kΩ
LIN Spec 2.2A (Par. 26)
P_6.1.67
BUS dominant output voltage
maximum load
VBUS,do
––
1.4
V
VTxD =0V; RLIN = 500 Ω;
VS =5.5 V;
P_6.1.68
BUS dominant output voltage
maximum load
VBUS,do
––
2.0
V
VTxD =0V; RLIN = 500 Ω;
VS = 18 V;
P_6.1.98
Input capacitance
Ci_BUS
–30
pF
2)
P_6.1.95
Dynamic transceiver characteristics: BUS
Dominant time for bus wake-
up
tWK,bus
30
–
150
µs
–
P_6.1.69
Propagation delay:
LIN bus dominant to
RxD “low”
LIN bus recessive to
RxD “high”
trx_pdft
trx_pdr
1
1
3.5
3.5
6
6
µs
µs
LIN Spec 2.2A (Par. 31)
CRxD =20pF
P_6.1.70
Receiver delay symmetry
trx_sym
-2
–
2
µs
LIN Spec 2.2A (Par. 32)
trx_sym = trx_pdf - trx_pdr;
CRxD =20pF
P_6.1.71
Table 6
Electrical characteristics (cont’d)
5.5 V < VS <28 V; RLIN = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin1); unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com