Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CSJ Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 10Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 11Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 12Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 13Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Data Sheet
14
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Functional description
4.3
Voltage regulator
The TLE8457C / TLE8457D has an integrated voltage regulator dedicated for supplying microcontrollers
and/or on-board sensors under harsh automotive environment conditions. It can supply a load current up to
70 mA with an output voltage tolerance within ± 2%. Because of the ultra low current consumption, the
TLE8457C / TLE8457D is perfectly suited for applications permanently connected to the battery supply.
Additionally, in sleep mode, the voltage regulator is switched off and an even lower quiescent current can be
achieved.
The voltage regulator output is protected against undervoltage, overcurrent, overtemperature and power-up
failures. In case the load current rises above the functional range, for example during VCC short circuits, the
output current is limited to ICC,lim. Therefore the VCC output voltage will drop. A reset pulse will be issued if VCC
falls below the undervoltage reset threshold.
The VCC supply output provides a stable supply voltage with output capacitors down to 1 µF, including low ESR
multi-layer ceramic capacitors.
4.3.1
VCC undervoltage detection
The TLE8457C / TLE8457D has an undervoltage detection feature on the voltage regulator VCC output. If the VCC
voltage falls below the undervoltage threshold VCC,UV for longer than detection time tdet,RST, the NRST output
will be set logic “low” and the transceiver will be deactivated.
Figure 11
VCC undervoltage detection
4.3.2
Reset output
The NRST output is used for issuing reset pulses, for example to an external microcontroller. In case of voltage
regulator undervoltage or overtemperature events, the NRST output will go “low” and the transceiver is
deactivated. The NRST output will stay “low” until a complete recovery from the failure is achieved. After the
additional time tRST has elapsed NRST will go “high” (see Figure 11).
While NRST is “low” mode transition is blocked.
The NRST pin has an internal pull up to VCC. If needed in the application, an additional external pull-up resistor
can be implemented.
TLE8457CD_VCC_UNDERVOLTAGE
VCC,UV
tRST
tdet,RST
Normal Operation mode (EN = „high“)
Standby mode (EN = „low“)
NRST goes and stays „low“ as
long as
VCC is in undervoltage
NRST stays „low“ for
additional Reset time
tRST
NRST
VCC
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com