Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CSJ Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 12Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 13Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Data Sheet
16
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Functional description
4.4.1
TxD time-out
The TxD time-out feature protects the LIN bus against permanent blocking in the case where the logical signal
on the TxD input is continuously “low”, caused by a malfunctioning microcontroller or a short circuit on the
printed circuit board for example. In normal operation mode, a logic “low” signal on the TxD input for time t >
tTxD disables the transmitter’s output driver stage (see Figure 13). The receiver will remain active and the data
on the BUS is still monitored on the RxD output.
The TLE8457C / TLE8457D will release the output stage after a TxD time-out event first when detecting a logic
“high” signal on the respective TxD input for the duration of tto,rec.
Figure 13
TxD time-out
4.4.2
Short-circuit
The BUS pin of TLE8457C / TLE8457D can withstand short-circuits to either GND or to the power supply VS. The
integrated overtemperature protection may disable the transmitter if a permanent short circuit on the BUS
pin causes the TLE8457C / TLE8457D to overheat.
4.5
Overtemperature protection
The TLE8457C / TLE8457D has two independent overtemperature detectors for protecting the device against
thermal overstress, namely on the voltage regulator pass element and on the LIN bus transmitter. In the case
where the junction temperature at the LIN transmitter increases above the thermal shut-down level TJSD, it will
be disabled until the junction temperature of the transmitter cools down below TJ < TJSD - ∆T. No other effect,
nor mode change, will occur. After the LIN transmitter overtemperature recovery, the TxD input requires a
logic “high” signal before restarting data transmission.
If an overtemperature event is detected on the voltage regulator, it will be disabled and the NRST output will
be set “low”. During the overtemperature condition no functionality of the TLE8457C / TLE8457D is available.
After the junction temperature cools down below TJ < TJSD - ∆T, the voltage regulator is reactivated and NRST
will be set “high” after delay time tRST.
Note:
The overtemperature detection of the LIN transmitter and the voltage regulator are working
independently. Therefore either only the LIN transmitter or only the voltage regulator or both can be
switched off, depending on the circumstance. An example of only LIN transmitter overtemperature
could be bus short-circuit or severe electromagnetical injection.
TLE8457_TXD_TIMEOUT_A
t
TxD
tto,rec
tTxD
TxD time-out due to e.g. microcontroller error
Release after TxD time-out
Recovery of the microcontroller error
t
Normal communication
Normal communication
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com