Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CSJ Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8457CSJ
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8457CSJ Datasheet HTML 1Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 2Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 3Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 4Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 5Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 6Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 7Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 8Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
5
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Pin configuration
3
Pin configuration
3.1
Pin assignment
Figure 2
Pin configuration
3.2
Pin definitions and functions
Pin
Symbol
Function
1VS
Battery supply voltage;
Decoupling capacitor required
2EN
Enable input;
Integrated pull-down resistor
Logic “high” to select normal operation mode
3GND
Ground
4BUS
BUS input/output;
Integrated LIN slave termination
5RxD
Receive data output;
Monitors the LIN bus signal in normal operation mode
Indicates a wake-up event in standby mode
6TxD
Transmit data input;
Integrated pull-up resistor
Logic “low” to drive a dominant signal on the LIN bus
7NRST
Undervoltage reset output;
Integrated pull-up resistor
Logical “low” during reset
8VCC
Voltage regulator output;
Output capacitor requirements specified in functional device characteristics
PAD1)
1) Only available with PG-TSON8 package.
–
Connect to PCB heat sink area. Do not connect to other potential than GND
1
2
3
45
6
7
8
VS
1
2
3
45
6
7
8
EN
GND
BUS
VCC
NRST
TxD
RxD
VS
EN
GND
BUS
VCC
NRST
TxD
RxD
PG-DSO-8
PG-TSON-8
(Top side X-Ray view)
(PAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com