Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-SF Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # T115D-SF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-SF Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button T115D-SF Datasheet HTML 13Page - Panasonic Semiconductor T115D-SF Datasheet HTML 14Page - Panasonic Semiconductor T115D-SF Datasheet HTML 15Page - Panasonic Semiconductor T115D-SF Datasheet HTML 16Page - Panasonic Semiconductor T115D-SF Datasheet HTML 17Page - Panasonic Semiconductor T115D-SF Datasheet HTML 18Page - Panasonic Semiconductor T115D-SF Datasheet HTML 19Page - Panasonic Semiconductor T115D-SF Datasheet HTML 20Page - Panasonic Semiconductor T115D-SF Datasheet HTML 21Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Technical Terminology & Cautions for Use
AECTB38E 201811-T
TYPES OF LOAD
■ Resistance load
Resistance load is a power factor of 1 (cos
φ = 1) where the load
is only for the resistance portion. The displayed switch rating
indicates the current capacity when using AC current.
■ DC load
Differing from AC, since the direction of current is fixed for DC,
the continuous arc time lengthens when the same voltage is
applied.
■ Incandescent lamp load
Since an inrush current of 10 to 15 times the rated current flows
for an instant when the switch is turned on for the lamp,
adhesion of the contacts may occur. Therefore, please take into
consideration this transient current when selecting a switch.
■ Induction load
Since arc generation due to reverse voltage can cause contact
failure to occur when there is an induction load (in relays,
solenoids and buzzers, etc.), we recommend you insert a
suitable spark quenching circuit (see figure below).
■ Motor load
Contacts may adhere due to the starting current at the start of
motor operation which is three to eight times the steady-state
current. Although it differs depending on the motor, since a
current flows that is several times that of the nominal current,
please select a switch taking into consideration the values in the
table below. To make the motor rotate in reverse, use an ON-
OFF-ON switch and take measures to prevent a multiplier
current (starting current + reverse current) from flowing.
A current that is approximately two times that of the starting
current will flow when reverse rotation is caused during
operation. Also, when using for a load that will cause transient
phenomena such as when operating the motor in reverse
rotation or switching the poles, an arc short (circuit short) may
occur due to the time lag between poles when switching. Please
be careful.
■ Capacitor load
In the case of mercury lamps, florescent lamps and the
capacitor loads of capacitor circuits, since an extremely large
inrush current flows when the switch is turned on, please
measure that transient value with the actual load and then either
use the product keeping within the range of the rated current or
after verifying the actual load.
Circuit example
Notes
Switch contact
(1) r = more than 10
Ω
(2) In an AC circuit,
impedance of R is to be slightly smaller
than impedance of r and c.
Switch contact
Can be used for both AC and DC circuits.
r = R
C: 0.1
μF
Switch contact
For DC circuits only.
Switch contact
Can be used for both AC and DC circuits.
rc
R
r
c
R
R
diode
ZNR
Varistor
Motor type
Type
Starting current
Three-phase
induction motor
Squirrel-cage
Approx. 5 to 8 times current listed on
nameplate
Single-phase
induction motor
Split-phase-start
Approx. 6 times current listed on
nameplate
Capacitor-start
Approx. 4 to 5 times current listed on
nameplate
Repulsion-start
Approx. 3 times current listed on
nameplate
Example of 1-pole motor reverse rotation circuit
Good wiring
Bad wiring
Example of single-phase induction motor
(capacitor) strong-weak switching circuit
Good wiring
Bad wiring
Example of three-phase motor
reverse rotation circuit
Good wiring
Bad wiring
M
M
Power
supply
Power
supply
M
M
Power
supply
Weak
Strong
Strong
Strong
Strong
Weak
Weak
M
M
Power
supply
Power
supply
ー 19 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com