Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-SF Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # T115D-SF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-SF Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button T115D-SF Datasheet HTML 13Page - Panasonic Semiconductor T115D-SF Datasheet HTML 14Page - Panasonic Semiconductor T115D-SF Datasheet HTML 15Page - Panasonic Semiconductor T115D-SF Datasheet HTML 16Page - Panasonic Semiconductor T115D-SF Datasheet HTML 17Page - Panasonic Semiconductor T115D-SF Datasheet HTML 18Page - Panasonic Semiconductor T115D-SF Datasheet HTML 19Page - Panasonic Semiconductor T115D-SF Datasheet HTML 20Page - Panasonic Semiconductor T115D-SF Datasheet HTML 21Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
REFERENCE
■Dust-protected type
This type of construction prevents dust that is large enough to
have an effect on operation from getting inside the unit. This
construction is stipulated by protective classes against solid
matter in the IEC standards (IEC60529).
The talcum powder used shall be able to pass through a
squaremeshed sieve the nominal wire diameter of 75 μm. The
amount of talcum powder to be used is 2 kg per cubic metre of
the test chamber volume. The duration of the test is 8 hours.
No damage observed after the test.
• Level of protection indicated by the 1st Characteristics number
■Immersion-protected type
This type of construction prevents any harmful effects even after
the device is left underwater at a depth of 1 m for 30 minutes.
This construction is stipulated by protective classes against
water in the IEC standards (IEC60529).
■IEC’s IP Codes
The IEC (International Electrotechnical Commission) has
defined the IP characteristic code that represents the levels of
protection described in IEC standard (IEC60529).
The two numbers that follow the IP code (the characteristics
numbers) indicate the suitability of this protection for all
environmental conditions.
1st characteristics number
2nd characteristics number
IP
1st Characteristics
number
Protection level (IEC60529/Solid matter)
0
No protection
1
Protected against solid matter larger than 50mm
2
Protected against solid matter larger than 12mm
3
Protected against solid matter larger than 2.5mm
4
Protected against solid matter larger than 1.0mm
5
Dust-protected type
Prevents dust that is large enough to have an effect
on operation from getting inside the unit
6
Dust-resistant type
Prevents dust from getting inside the unit
• Level of protection indicated by the 2nd Characteristics number
JIS C0920
2nd
Characteristics
number
Protection level (IEC60529/Liquid matter)
0
No protection
Droplet-protected
type I
1
Protected against water droplets that fall
perpendicular to the unit
Droplet-protected
type II
2
Protected against water droplets that fall
from within 15° of perpendicular to the unit
Rain-protected
type
3
Protected against water droplets that fall
from within 60° of perpendicular to the unit
Splash-protected
type
4
Protected against water that splashes on
the unit from any direction
Spray-protected
type
5
Free from adverse effects even if sprayed
directly with water from any direction
Water-resistant
type
6
Protected against water sprayed directly
on the unit from any direction
Immersion-
protected type
7
Water does not get inside of the unit when
submerged in water according to the
specified conditions
Underwater type
8
Unit can be used underwater
Note: Details of test conditions are the same as NECA C 0920. Please refer to them.
ー 17 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com