Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-SF Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # T115D-SF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-SF Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button T115D-SF Datasheet HTML 9Page - Panasonic Semiconductor T115D-SF Datasheet HTML 10Page - Panasonic Semiconductor T115D-SF Datasheet HTML 11Page - Panasonic Semiconductor T115D-SF Datasheet HTML 12Page - Panasonic Semiconductor T115D-SF Datasheet HTML 13Page - Panasonic Semiconductor T115D-SF Datasheet HTML 14Page - Panasonic Semiconductor T115D-SF Datasheet HTML 15Page - Panasonic Semiconductor T115D-SF Datasheet HTML 16Page - Panasonic Semiconductor T115D-SF Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
CAD Data
■Wire leads type
External dimensions
• Solder terminal, Momentary
Notes: 1. ON-OFF type does not have terminal
No. 2 and 5.
2. Dimensions of actuator: 1-pole: 12.6 ×
29, 2-pole: 17.4 × 29
3. 300 V vinyl wire (VSF, thick: 2 mm2,
length: 200 mm) is used.
External dimensions
■Standard type
3
13°
200±20
2
1
34
1724
10±4
6
3
5
2
34
13°
42.2
2.5
7.8
41
41
10±4
4
1
29
22
200±20
2.5
7.8
1-pole
2-pole
Color of wire leads
No.
Color
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
45.4
PUSH-BUTTON TYPE DIMENSIONS
(Unit: mm) General tolerance: ±0.5
• Solder terminal, Alternate
• Screw terminal (M3.5)
Dimensions other than listed below are
same as those of solder terminal type.
29
15.8
33
17.3
23.7
6
Keyway
4.7
M12×1
13.2 dia.
9
26.9
6
Keyway
14
4.7
9 15.9
13.2 dia.
M12×1
1-pole
2-pole
19.5
M12×1
29
15.8
6
32.3
Keyway
14
5.9
17.1
9
13.2 dia.
M12×1
33
6
32.4
Keyway
14
5.9
9 17.1
13.2 dia.
1-pole
2-pole
19.5
29
15.8
9.3
33
19.5
9.3
1-pole
2-pole
External dimensions
• Solder terminal, Momentary
■Panel-sealed type
• Solder terminal, Alternate
• Screw terminal (M3.5)
Dimensions other than listed below are
same as those of solder terminal type.
29
15.8
33
17.7
23.7
15.9
6
D cut
4.3
7.5
13.2 dia.
9
26.9
6
M12×1
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12×1
1-pole
2-pole
19.5
29
15.8
6
32.3
33
6
32.4
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12×1
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12×1
1-pole
2-pole
19.5
29
15.8
9.3
33
19.5
9.3
1-pole
2-pole
ー 13 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com