Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-SF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # T115D-SF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-SF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  T115D-SF Datasheet HTML 1Page - Panasonic Semiconductor T115D-SF Datasheet HTML 2Page - Panasonic Semiconductor T115D-SF Datasheet HTML 3Page - Panasonic Semiconductor T115D-SF Datasheet HTML 4Page - Panasonic Semiconductor T115D-SF Datasheet HTML 5Page - Panasonic Semiconductor T115D-SF Datasheet HTML 6Page - Panasonic Semiconductor T115D-SF Datasheet HTML 7Page - Panasonic Semiconductor T115D-SF Datasheet HTML 8Page - Panasonic Semiconductor T115D-SF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Panasonic Corporation 2019
industrial.panasonic.com/ac/e/
AECTB5E 201906
2019.06
TOGGLE TYPES
FEATURES
T-15 Series
Switches
Snap Switches Capable of
15A Switching
• Series includes rocker and push-button switches.
• Sealed type available for use in different environments.
• Rubber cap also available in silicon type for excellent
weather resistance.
ASSORTMENT
Notes: *1: Only standard type
*2: Only wire leads type
These switches are only for Industrial use.
Do not use any other applications. (ex. home use)
12dia.
Toggle
Push-
button
Square
hole
Rocker
Kind of actuator
Standard
type
Sealed type
Number of pole
Shape of terminal
Panel-
sealed
type
Terminal-
sealed
type
Wire leads
type
1P
2P
3P
4P
Solder
terminal
Screw
terminal
.250
Quick-
connect
terminal
Wire lead
Toggle type
Available
Available
Available
Available
Available
Available Available*1 Available*1 Available
Available Available*1 Available*2
Rocker type
Available
Available
Available
Available
Available
Available
—
—
Available
Available
—
Available*2
Push-button type Available
Available
—
—
Available
Available
—
—
Available
Available
—
—
■Standard type
1) Solder terminal and .250 Quick-connect terminal
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
.250 Quick-connect terminal
Part No.
Part No.
1-pole
ON-OFF
T115A-F
T115A-AF
ON-ON
T115D-F
T115D-AF
ON-OFF-ON
T115E-F
T115E-AF
ON-<ON>
T115F-F
T115F-AF
<ON>-OFF-<ON>
T115G-F
T115G-AF
ON-OFF-<ON>
T115H-F
T115H-AF
2-pole
ON-OFF
T215K-F
T215K-AF
ON-ON
T215N-F
T215N-AF
ON-OFF-ON
T215P-F
T215P-AF
ON-<ON>
T215R-F
T215R-AF
<ON>-OFF-<ON>
T215S-F
T215S-AF
ON-OFF-<ON>
T215T-F
T215T-AF
3-pole
ON-OFF
T315K-F
T315K-AF
ON-ON
T315N-F
T315N-AF
ON-OFF-ON
T315P-F
T315P-AF
4-pole
ON-OFF
T415K-F
T415K-AF
ON-ON
T415N-F
T415N-AF
ON-OFF-ON
T415P-F
T415P-AF
Note: Standard installation accessories are included with the product.
Automation Controls Catalog
ー 1 ー


Similar Part No. - T115D-SF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T115000 E-SWITCH-T115000 Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115003 E-SWITCH-T115003 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115005 E-SWITCH-T115005 Datasheet
120Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115006 E-SWITCH-T115006 Datasheet
56Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115007 E-SWITCH-T115007 Datasheet
125Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T115D-SF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Omron Electronics LLC
G7L-X OMRON-G7L-X Datasheet
138Kb / 4P
Compact Power Relay Capable of Switching 1,000 VDC Loads
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
Multi-purpose Snap Switches capable of 10 A
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
Electronic Load Capable of 310mA
Rev 0; 10/20
logo
C&K Components
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
Interlock Snap Switches
31 oct 16
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
Interlock Snap Switches
31 oct 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com