Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-SF Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # T115D-SF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-SF Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button T115D-SF Datasheet HTML 6Page - Panasonic Semiconductor T115D-SF Datasheet HTML 7Page - Panasonic Semiconductor T115D-SF Datasheet HTML 8Page - Panasonic Semiconductor T115D-SF Datasheet HTML 9Page - Panasonic Semiconductor T115D-SF Datasheet HTML 10Page - Panasonic Semiconductor T115D-SF Datasheet HTML 11Page - Panasonic Semiconductor T115D-SF Datasheet HTML 12Page - Panasonic Semiconductor T115D-SF Datasheet HTML 13Page - Panasonic Semiconductor T115D-SF Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
TOGGLE TYPE DIMENSIONS
The CAD data of the products with a
CAD Data mark can be downloaded from https://industrial.panasonic.com/ac/e/
CAD Data
External dimensions
■Standard type
1) Solder terminal
(Unit: mm) General tolerance: ±0.5
23.7
6
29
M12×1
Keyway
Keyway
Hole for wire
leads: 2 dia.
Length: 4
6.1 dia.
30°±4°
12°±0.4°
17.5°±0.4°
15.8
Hole for wire
leads: 2 dia.
Length: 4
27
6
33
19.5
M12×1
17.5°±0.4°
12°±0.4°
6.1 dia.
30°±8°
1-pole
2-pole
M12×1
Hole for wire
leads: 2 dia.
Length: 4
30°±4°
17.5°±0.4°
12°±0.4°
27
6
33
6.1 dia.
28
Hole for wire
leads: 2 dia.
Length: 4
30°±4
17.5°±0.4°
12°±0.4°
M12×1
6.1 dia.
36.5
27
6
33
3-pole
4-pole
Keyway
Keyway
CAD Data
External dimensions
2) Screw terminal (M3.5)
15.8
19.5
27
9.3
29
6.1 dia.
30.3
9.3
17.5°±0.4°
12°±0.4°
6.1 dia.
12°±0.4°
17.5°±0.4°
330.4
1-pole
2-pole
Keyway
Keyway
30
°±4°
30
°±8
M12×1
M12×1
28
9.3
30.3
36.5
9.3
30.3
6.1 dia.
17.5°±0.4°
12°±0.4°
330.4
17.5°±0.4°
12°±0.4°
330.4
6.1 dia.
3-pole
4-pole
Keyway
Keyway
30°±4°
30°±4°
M12×1
M12×1
Note: ON-OFF type does not have terminal No. 2, 5, 8 and 11.
Note: ON-OFF type does not have terminal No. 2, 5, 8 and 11.
CAD Data
External dimensions
3) .250 Quick-connect terminal
6.1 dia.
29
15.8
27
9.3
19.5
9.3
30.3
17.5°±0.4°
12°±0.4°
17.5°±0.4°
12°±0.4°
6.1 dia.
6-.250 Quick-
connect terminal
3-.250 Quick-
connect terminal
33
1-pole
2-pole
Keyway
Keyway
30°±4°
30°±8°
M12×1
M12×1
9.3
30.3
9.3
36.5
30.3
6.1 dia.
17.5°±0.4°
12°±0.4°
6.1 dia.
12°±0.4°
17.5°±0.4°
28
9-.250 Quick-
connect terminal
33
12-.250 Quick-
connect terminal
33
3-pole
4-pole
Keyway
Keyway
30°±8°
30°±8°
M12×1
M12×1
Notes: 1. ON-OFF type does not have terminal No. 2, 5, 8 and 11.
2. There is no through-hole on .250 Quick-connect terminals.
ー 10 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com