Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CCU6TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 40Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 41Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 42Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 43Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 44Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 45Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 46Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 47Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 193 page
background image
Functional overview
STM32WB55xx STM32WB35xx
44/193
DS11929 Rev 10
The I/Os alternate function configuration can be locked, if needed, following a specific
sequence in order to avoid spurious writing to the I/Os registers.
3.12
Direct memory access controller (DMA)
The device embeds two DMAs. Refer to Table 10 for the features implementation.
Direct memory access (DMA) is used to provide high-speed data transfer between
peripherals and memory as well as between memories. Data can be quickly moved by DMA
without any CPU action. This keeps CPU resources free for other operations.
The two DMA controllers have fourteen channels in total, a full cross matrix allows any
peripheral to be mapped on any of the available DMA channels. Each DMA has an arbiter
for handling the priority between DMA requests.
The DMA supports:
fourteen independently configurable channels (requests)
A full cross matrix between peripherals and all the DMA channels exist. There is also a
HW trigger possibility through the DMAMUX.
Priorities between requests from DMA channels are software programmable (four
levels consisting in very high, high, medium and low) or hardware in case of equality
(request 1 has priority over request 2, etc.).
Independent source and destination transfer size (byte, half word, word), emulating
packing and unpacking. Source/destination addresses must be aligned on the data
size.
Support for circular buffer management.
Three event flags (DMA half transfer, DMA transfer complete and DMA transfer error)
logically OR-ed together in a single interrupt request for each channel.
Memory-to-memory transfer.
Peripheral-to-memory and memory-to-peripheral, and peripheral-to-peripheral
transfers.
Access to Flash memory, SRAM, APB and AHB peripherals as source and destination.
Programmable number of data to be transferred: up to 65536.
A DMAMUX block makes it possible to route any peripheral source to any DMA channel.
3.13
Interrupts and events
3.13.1
Nested vectored interrupt controller (NVIC)
The devices embed a nested vectored interrupt controller able to manage 16 priority levels,
and handle up to 63 maskable interrupt channels plus the 16 interrupt lines of the
Cortex®-M4 with FPU.
Table 10. DMA implementation
DMA features
DMA1
DMA2
Number of regular channels
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com