Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CCU6TR Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 87Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 88Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 89Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 90Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 91Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 92Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 93Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 94Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 193 page
background image
DS11929 Rev 10
91/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
Table 28. RF receiver BLE characteristics (1 Mbps)
Symbol
Parameter
Test conditions
Typ
Unit
Prx_max
Maximum input signal
PER <30.8%
Bluetooth® Low Energy: min -10 dBm
0
dBm
Psens(1)
High sensitivity mode (SMPS Bypass) PER <30.8%
Bluetooth® Low Energy: max -70 dBm
-96
High sensitivity mode (SMPS ON)
-95.5
Rssimaxrange RSSI maximum value
-
-7
Rssiminrange RSSI minimum value
-
-94
Rssiaccu
RSSI accuracy
-
2
dB
C/Ico
Co-channel rejection
Bluetooth® Low Energy: 21 dB
8
C/I
Adjacent channel interference
Adj ≥ 5 MHz
Bluetooth® Low Energy: -27 dB
-53
Adj ≤ -5 MHz
Bluetooth® Low Energy: -27 dB
-53
Adj = 4 MHz
Bluetooth® Low Energy: -27 dB
-48
Adj = -4 MHz
Bluetooth® Low Energy: -15 dB
-33
Adj = 3 MHz
Bluetooth® Low Energy: -27 dB
-46
Adj = 2 MHz
Bluetooth® Low Energy: -17 dB
-39
Adj = -2 MHz
Bluetooth® Low Energy: -15 dB
-35
Adj = 1 MHz
Bluetooth® Low Energy: 15 dB
-2
Adj = -1 MHz
Bluetooth® Low Energy: 15 dB
2
C/Image
Image rejection (Fimage = -3 MHz)
Bluetooth® Low Energy: -9 dB
-29
P_IMD
Intermodulation
|f2-f1| = 3 MHz
Bluetooth® Low Energy: -50 dBm
-34
dBm
|f2-f1| = 4 MHz
Bluetooth® Low Energy: -50 dBm
-30
|f2-f1| = 5 MHz
Bluetooth® Low Energy: -50 dBm
-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com