Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CCU6TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 23Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 24Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 25Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 26Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 27Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 28Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 29Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 30Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 193 page
background image
DS11929 Rev 10
27/193
STM32WB55xx STM32WB35xx
Functional overview
57
Figure 5. Power distribution
The SMPS can also be switched on or set in bypass mode at any time by the application
software, for example when very accurate ADC measurement are needed.
3.7.2
Power supply schemes
The devices have different voltage supplies (see Figure 7 and Figure 8) and can operate
within the following voltage ranges:
VDD = 1.71 to 3.6 V: external power supply for I/Os (VDDIO), the internal regulator and
system functions such as RF, SMPS, reset, power management and internal clocks. It
is provided externally through VDD pins. VDDRF and VDDSMPS must be always
connected to VDD pins.
VDDA = 1.62 (ADC/COMPs) to 3.6 V: external analog power supply for ADC,
comparators and voltage reference buffer. The VDDA voltage level can be independent
from the VDD voltage. When not used VDDA must be connected to VDD.
VDDUSB = 3.0 to 3.6 V: external independent power supply for USB transceivers. When
not used VDDUSB must be connected to VDD.
VLCD = 2.5 to 3.6 V: the LCD controller can be powered either externally through the
VLCD pin, or internally from an internal voltage generated by the embedded step-up
converter. This converter can generate a VLCD voltage up to 3.6 V if VDD is higher than
2.0 V. Note that the LCD is available only on STM32WB55xx devices.
MS41409V4
MR
LPR
RFR
SMPS
(not used)
MR
LPR
RFR
VDD
L1
C2
SMPS configuration
LDO configuration
VDD
VDDSMPS
VLXSMPS
VFBSMPS
SMPS
SMPS mode or
BYPASS mode
VDDSMPS
VLXSMPS
VFBSMPS
Table 6. Power supply typical components
Component
Description
Value
C2
SMPS output capacitor(1)
1. e.g. GRM155R60J475KE19.
4.7 µF
L1(2)
2. An extra 10 nH inductor in series with L1 is needed to improve the receiver performance,
e.g Murata LQG15WZ10NJ02D
SMPS inductance
For 8 MHz(3)
3. e.g. Wurth 74479774222.
2.2 µH
For 4 MHz(4)
4. e.g. Murata LQM21FN100M70L.
10 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com