Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CCU6TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 19Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 20Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 21Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 22Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 23Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 24Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 25Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 26Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 193 page
background image
DS11929 Rev 10
23/193
STM32WB55xx STM32WB35xx
Functional overview
57
trimming capacitor network thanks to a dual network of user programmable integrated
capacitors.
Figure 3. STM32WB55xx and STM32WB35xx RF front-end block diagram
3.6.2
BLE general description
The BLE block is a master/slave processor, compliant with Bluetooth® specification 5.0
standard (2 Mbps).
MS45477V6
Notes:
- UFQFPN48 and VFQFPN68: VSS through exposed pad, and VSSRF pin must be connected to ground plane
- WLCSP100 and UFBGA129: VSSRF pins must be connected to ground plane
BP
filter
PLL
RF1
Adjust
32 MHz
OSC_OUT
OSC_IN
BLE
modulator
BLE
demodulator
BLE
controller
802.15.4
MAC
802.15.4
modulator
802.15.4
demodulator
RF control
AGC
Timer and Power
control
LDO
LDO
LDO
VFBSMPS
Trimmed
bias
VDDRF
Max PA
level
SMPS
VLXSMPS
VDDSMPS VSSSMPS
Adjust
HSE
G
G
LNA
Wakeup
Interrupt
Wakeup
Interrupt
AHB
APB
APB
See
notes
EXT_
PA_TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com