Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CCU6TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 51Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 52Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 53Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 54Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 55Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 56Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 57Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 58Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 193 page
background image
DS11929 Rev 10
55/193
STM32WB55xx STM32WB35xx
Functional overview
57
extremely low energy consumption. Higher speed clock can be used to reach higher
baudrates.
The LPUART interfaces can be served by the DMA controller.
3.25
Serial peripheral interface (SPI1, SPI2)
Two SPI interfaces enable communication up to 32 Mbit/s in master and up to 24 Mbit/s in
slave modes, in half-duplex, full-duplex and simplex modes. The 3-bit prescaler gives 8
master mode frequencies and the frame size is configurable from 4 bits to 16 bits. The SPI
interfaces support NSS pulse mode, TI mode and Hardware CRC calculation.
The SPI interfaces can be served by the DMA controller.
3.26
Serial audio interfaces (SAI1)
The device embeds a dual channel SAI peripheral that supports full duplex audio operation.
The SAI bus interface handles communications between the microcontroller and the serial
audio protocol.
The SAI peripheral supports:
One independent audio sub-block that can be a transmitter or a receiver, with the
respective FIFO
8-word integrated FIFOs
Synchronous or asynchronous mode
Master or slave configuration
Clock generator to target independent audio frequency sampling when audio sub-block
is configured in master mode
Data size configurable: 8-, 10-, 16-, 20-, 24-, 32-bit
Peripheral with large configurability and flexibility allowing to target as example the
following audio protocol: I2S, LSB or MSB-justified, PCM/DSP, TDM, AC’97 and SPDIF
out
Up to 16 slots available with configurable size and with the possibility to select which
ones are active in the audio frame
Number of bits by frame may be configurable
Frame synchronization active level configurable (offset, bit length, level)
First active bit position in the slot is configurable
LSB first or MSB first for data transfer
Mute mode
Stereo/Mono audio frame capability
Communication clock strobing edge configurable (SCK)
Error flags with associated interrupts if enabled respectively
–
Overrun and underrun detection
–
Anticipated frame synchronization signal detection in slave mode
–
Late frame synchronization signal detection in slave mode
–
Codec not ready for the AC’97 mode in reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com