Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CCU6TR Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 112Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 113Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 114Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 115Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 116Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 117Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 118Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 119Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
116/193
DS11929 Rev 10
APB1
RTCA
1.10
0.88
1.25
µA/MHz
CRS
0.24
0.20
0.20
USB FS independent clock domain
3.20
N/A
N/A
USB FS clock domain
2.05
N/A
N/A
I2C1 independent clock domain
2.50
4.40
4.40
I2C1 clock domain
4.80
4.00
5.50
I2C3 independent clock domain
2.10
3.50
3.55
I2C3 clock domain
3.70
3.10
3.55
LCD
1.35
1.10
2.10
SPI2
1.65
1.40
2.25
LPTIM1 independent clock domain
2.10
3.40
3.00
LPTIM1 clock domain
3.60
3.00
3.80
TIM2
5.65
4.70
4.90
LPUART1 independent clock domain
2.70
4.15
3.85
LPUART1 clock domain
4.45
3.70
5.25
LPTIM2 clock domain
3.95
3.25
4.50
LPTIM2 independent clock domain
2.20
3.70
3.80
WWDG
0.335
0.285
0.965
All APB1 peripherals
27.0
22.5
25.5
APB2
AHB to APB2(3)
1.10
0.885
1.35
TIM1
8.20
6.80
7.25
TIM17
2.85
2.40
2.40
TIM16
2.75
2.30
2.55
USART1 independent clock domain
4.40
7.80
7.00
USART1 clock domain
8.80
7.30
7.75
SPI1
1.75
1.45
1.45
SAI1 independent clock domain
2.50
1.50
3.50
SAI1 clock domain
2.40
N/A
N/A
All APB2 on
28.0
23.0
25.5
ALL
97.5
80.5
90.0
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. GPIOs consumption during read and write accesses.
3. The AHB to APB2 bridge is automatically active when at least one peripheral is ON on the APB2.
Table 50. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com