Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL164D Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM29DL164D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL164D Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM29DL164D Datasheet HTML 33Page - Advanced Micro Devices AM29DL164D Datasheet HTML 34Page - Advanced Micro Devices AM29DL164D Datasheet HTML 35Page - Advanced Micro Devices AM29DL164D Datasheet HTML 36Page - Advanced Micro Devices AM29DL164D Datasheet HTML 37Page - Advanced Micro Devices AM29DL164D Datasheet HTML 38Page - Advanced Micro Devices AM29DL164D Datasheet HTML 39Page - Advanced Micro Devices AM29DL164D Datasheet HTML 40Page - Advanced Micro Devices AM29DL164D Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
DS42515
37
AC CHARACTERISTICS
Flash Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 14 for test specifications.
Parameter
Description
Test Setup
85 ns Speed
Unit
JEDEC
Std
Min
Max
t
AVAV
t
RC
Read Cycle Time (Note 1)
85
ns
t
AVQV
t
ACC
Address to Output Delay
CE#f, OE# = V
IL
85
ns
t
ELQV
t
CE
Chip Enable to Output Delay
OE# = V
IL
85
ns
t
GLQV
t
OE
Output Enable to Output Delay
35
ns
t
EHQZ
t
DF
Chip Enable to Output High Z (Note 1)
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z (Note 1)
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses, CE#f or OE#,
Whichever Occurs First
0ns
t
OEH
Output Enable Hold Time
(Note 1)
Read
0
ns
Toggle and
Data# Polling
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#f
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 14.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com