Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL164D Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM29DL164D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL164D Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM29DL164D Datasheet HTML 47Page - Advanced Micro Devices AM29DL164D Datasheet HTML 48Page - Advanced Micro Devices AM29DL164D Datasheet HTML 49Page - Advanced Micro Devices AM29DL164D Datasheet HTML 50Page - Advanced Micro Devices AM29DL164D Datasheet HTML 51Page - Advanced Micro Devices AM29DL164D Datasheet HTML 52Page - Advanced Micro Devices AM29DL164D Datasheet HTML 53Page - Advanced Micro Devices AM29DL164D Datasheet HTML 54Page - Advanced Micro Devices AM29DL164D Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
DS42515
51
AC CHARACTERISTICS
SRAM Write Cycle
Notes:
1. WE# controlled, if CIOs is low, ignore UB#s and LB#s timing.
2. t
CW is measured from CE1#s going low to the end of write.
3. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. t
AS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (t
WP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The tWP is measured from the beginning of write
to the end of write.
Figure 30.
SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
Min
Max
Unit
t
WC
Write Cycle Time
85
ns
t
Cw
Chip Enable to End of Write
70
ns
t
AS
Address Setup Time
0
ns
t
AW
Address Valid to End of Write
70
ns
t
BW
UB#s, LB#s to End of Write
70
ns
t
WP
Write Pulse Time
60
ns
t
WR
Write Recovery Time
0
ns
t
WHZ
Write to Output High-Z
0
25
ns
t
DW
Data to Write Time Overlap
35
ns
t
DH
Data Hold from Write Time
0
ns
t
OW
End Write to Output Low-Z
5
ns
Address
CS1#s
Data Undefined
UB#s, LB#s
WE#
Data In
Data Out
tWC
tCW
(See Note 1)
tAW
High-Z
High-Z
Data Valid
CS2s
tCW
(See Note 1)
tBW
tWP
(See Note 4)
tAS
(See Note 3)
tWR (See Note 2)
tBW
tDW
tDH
tOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com