Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL164D Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM29DL164D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL164D Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM29DL164D Datasheet HTML 49Page - Advanced Micro Devices AM29DL164D Datasheet HTML 50Page - Advanced Micro Devices AM29DL164D Datasheet HTML 51Page - Advanced Micro Devices AM29DL164D Datasheet HTML 52Page - Advanced Micro Devices AM29DL164D Datasheet HTML 53Page - Advanced Micro Devices AM29DL164D Datasheet HTML 54Page - Advanced Micro Devices AM29DL164D Datasheet HTML 55Page - Advanced Micro Devices AM29DL164D Datasheet HTML 56Page - Advanced Micro Devices AM29DL164D Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
DS42515
57
REVISION SUMMARY
Revision A (July 20, 2000)
New data sheet created for the 0.23 µm process tech-
nology. This data sheet was originally derived from the
0.32 µm DS42428 MCP data sheet (pid 22932c2).
Revision B (March 7, 2001)
Global
Deleted Preliminary status from document. Added
table of contents.
Sector/Sector Block Protection/Unprotection
Added to second paragraph: “Note that the sector un-
protect algorithm unprotects all sectors in parallel. All
previously protected sectors must be individually
re-protected. To change data in protected sectors effi-
ciently, the temporary sector unprotect function is
available. See “Temporary Sector/Sector Block
Unprotect”.”
Customer Lockable: SecSi Sector NOT Pro-
grammed or Protected At the Factory
Added to end of first paragraph: “Note that the acceler-
ated programming (ACC) and unlock bypass functions
are not available when programming the SecSi Sector.”
Common Flash Memory Interface (CFI)
Added to second paragraph: “The CFI Query mode is
not accessible when the device is executing an Em-
bedded Program or embedded erase algorithm.”
Command Definitions
Table 12, Command Definitions: The SecSi Sector
Factory Protect values (fourth bus cycle) have
cha nged fr om 80h and 00 h to 81 h and 0 1h,
respectively.
AC Characteristics—Alternate CE#f Controlled
Erase and Program Operations
t
WHWH1 Programming Operation: Corrected typical
byte value of 9 µs to 5 µs and the typical word value of
11 µs to 7 µs.
t
WHWH1 Accelerated Programming Operation: Cor-
rected typical value of 7 µs to 4 µs.
Revision B+1 (March 15, 2001)
Added “Am29DL164D Bottom Boot” to the product de-
scription on the top portion of the first page.
‘
Trademarks
Copyright © 2001 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com