Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL164D Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29DL164D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL164D Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29DL164D Datasheet HTML 1Page - Advanced Micro Devices AM29DL164D Datasheet HTML 2Page - Advanced Micro Devices AM29DL164D Datasheet HTML 3Page - Advanced Micro Devices AM29DL164D Datasheet HTML 4Page - Advanced Micro Devices AM29DL164D Datasheet HTML 5Page - Advanced Micro Devices AM29DL164D Datasheet HTML 6Page - Advanced Micro Devices AM29DL164D Datasheet HTML 7Page - Advanced Micro Devices AM29DL164D Datasheet HTML 8Page - Advanced Micro Devices AM29DL164D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
DS42515
5
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
DS42515
Standard Voltage Range: VCC = 2.7–3.3 V
Flash Memory
SRAM
Max Access Time (ns)
85
85
CE# Access (ns)
85
85
OE# Access (ns)
35
45
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf
RY/BY#
LB#s
UB#s
CIOf
WP#/ACC
CE2s
SA
CIOs
4 Mbit
Static RAM
16 Mbit
Flash Memory
DQ0 to DQ15/A–1
DQ0 to DQ15/A–1
DQ0 to DQ15/A–1
A0 to A19
A0 to A19
A0 to A19
A–1
A0 to A17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com