Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL164D Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM29DL164D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL164D Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM29DL164D Datasheet HTML 45Page - Advanced Micro Devices AM29DL164D Datasheet HTML 46Page - Advanced Micro Devices AM29DL164D Datasheet HTML 47Page - Advanced Micro Devices AM29DL164D Datasheet HTML 48Page - Advanced Micro Devices AM29DL164D Datasheet HTML 49Page - Advanced Micro Devices AM29DL164D Datasheet HTML 50Page - Advanced Micro Devices AM29DL164D Datasheet HTML 51Page - Advanced Micro Devices AM29DL164D Datasheet HTML 52Page - Advanced Micro Devices AM29DL164D Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
DS42515
49
AC CHARACTERISTICS
SRAM Read Cycle
Note: CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
Figure 28.
SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Min
Max
Unit
t
RC
Read Cycle Time
85
ns
t
AA
Address Access Time
85
ns
t
CO1, tCO2
Chip Enable to Output
85
ns
t
OE
Output Enable Access Time
45
ns
t
BA
LB#s, UB#s to Valid Output
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z Output
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
10
ns
t
OLZ
Output Enable to Low-Z Output
5
ns
t
HZ1, tHZ2
Chip disable to High-Z Output
0
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
0
25
ns
t
OHZ
Output Disable to High-Z Output
0
25
ns
t
OH
Output Data Hold from Address Change
15
ns
ddress
ata Out
Previous Data Valid
Data Valid
tAA
tRC
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com