Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB60 Datasheet(PDF) 4 Page - 3M Electronics

Part # LSB60
Description  3M??Scotch-Weld??Toughened Epoxy Adhesive LSB60
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

LSB60 Datasheet(HTML) 4 Page - 3M Electronics

  LSB60 Datasheet HTML 1Page - 3M Electronics LSB60 Datasheet HTML 2Page - 3M Electronics LSB60 Datasheet HTML 3Page - 3M Electronics LSB60 Datasheet HTML 4Page - 3M Electronics LSB60 Datasheet HTML 5Page - 3M Electronics LSB60 Datasheet HTML 6Page - 3M Electronics LSB60 Datasheet HTML 7Page - 3M Electronics LSB60 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60
Typical Performance Characteristics (continued)
Table continued on next page
Overlap
Shear
Strength
Dwell/Cure
Time
Dwell
Time
Units
Temp
C
Temp
F
Environmental
ConditionSubstrate
Substrate
Notes
Surface
Preparation
Failure
mode
Notes
Test
Condition
3200
lb/in²
7
days
23C
73F
52%RH Cold
Rolled
Steel
0.005-
0.008in
bondline
MEK/Abrade/MEK
CF/AF
Overlap shear (OLS) strengths were measured on 1 in.
wide 1/2 in. overlap specimens. These bonds were made
individually using 1 in. x 4 in. pieces of substrate except
for aluminum. Two panels 0.063 in. thick, 4 in. x 7 in. of
2024T-3 clad aluminum were bonded and cut into 1 in.
wide samples after 24 hours.
The separation rate of the testing jaws was 0.1 in. per
minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125 in.; plastics, 0.125 in.
Cohesive Failure (CF), Adhesive Failure (AF), Substrate
Failure (SF)
480
lb/in²
7
days
23C
73F
52%RH Polycarbonate
(PC)
0.005-
0.008in
bondline
IPA
Wipe/Abrade/IPA
Wipe
AF
Overlap shear (OLS) strengths were measured on 1 in.
wide 1/2 in. overlap specimens. These bonds were made
individually using 1 in. x 4 in. pieces of substrate except
for aluminum. Two panels 0.063 in. thick, 4 in. x 7 in. of
2024T-3 clad aluminum were bonded and cut into 1 in.
wide samples after 24 hours.
The separation rate of the testing jaws was 0.1 in. per
minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125 in.; plastics, 0.125 in.
Cohesive Failure (CF), Adhesive Failure (AF), Substrate
Failure (SF)
2000
lb/in²
7
days
23C
73F
52%RH Fiber-
Reinforced
Plastic
0.005-
0.008in
bondline
IPA
Wipe/Abrade/IPA
Wipe
CF
Overlap shear (OLS) strengths were measured on 1 in.
wide 1/2 in. overlap specimens. These bonds were made
individually using 1 in. x 4 in. pieces of substrate except
for aluminum. Two panels 0.063 in. thick, 4 in. x 7 in. of
2024T-3 clad aluminum were bonded and cut into 1 in.
wide samples after 24 hours.
The separation rate of the testing jaws was 0.1 in. per
minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125 in.; plastics, 0.125 in.
Cohesive Failure (CF), Adhesive Failure (AF), Substrate
Failure (SF)
3400
lb/in²
7
days
23C
73F
52%RH Galvanized
Steel
MEK/Abrade/MEK
CF/AF
½” overlap; 0.010” bond line thickness; samples pulled
at 0.1 in/min for metals and 2 in/min for plastics;
substrates used were 1/16” thick metals and 1/8” thick
plastics.
AF: adhesive failure CF: cohesive failure SF: substrate
failure mixed: AF/CF
2000
lb/in²
7 days
@
Room
Temperature
FRP
(Epoxy)
0.005in
bondline
IPA
Wipe/Abrade/IPA
Wipe
CF
Overlap Shear strength was measured on 1" wide x 1/2"
overlap specimen. These bonds were made individually
using 1" x 4" pieces of substrates except for Aluminum.
Two panels 0.063 in. thick, 4 in. x 7y in of 2024T-3 clad
aluminum were bonded and cut into 1 in. wide samples
after 24 hours.
The separation rate of the testing jaws was 0.1 in. per
minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125in.; plastics, 0.125 in. The separation rate
of the testing jaws was 0.1 inch per minute for metals
and 2 inches per minute for plastics.
AF: adhesive failure CF: cohesive failure SF: substrate
failure
Room
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com