Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB60 Datasheet(PDF) 3 Page - 3M Electronics

Part # LSB60
Description  3M??Scotch-Weld??Toughened Epoxy Adhesive LSB60
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

LSB60 Datasheet(HTML) 3 Page - 3M Electronics

  LSB60 Datasheet HTML 1Page - 3M Electronics LSB60 Datasheet HTML 2Page - 3M Electronics LSB60 Datasheet HTML 3Page - 3M Electronics LSB60 Datasheet HTML 4Page - 3M Electronics LSB60 Datasheet HTML 5Page - 3M Electronics LSB60 Datasheet HTML 6Page - 3M Electronics LSB60 Datasheet HTML 7Page - 3M Electronics LSB60 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60
Typical Physical Properties
Color: Gray
Conditions
Attribute Modi er: Cured
Typical Cured Characteristics
Shore D Hardness: 62
Conditions
Dwell/Cure Time: 60 min @ Room Temperature
Methods
ASTM D2240
Typical Performance Characteristics
Property Values
Method
Attribute
Modi er
Substrate
Failure
mode
Surface
Preparation Notes
90°
Peel
Adhesion
3700
N/cm
ASTM
D3330
(modi ed)
Non-
Linered
Cushioned
Sleeve A
CF/AF
Honeycomb
Climbing
Drum
Peel
56.5 lbf-
in/in
15.9 lbf-
in/in
ASTM
D1781
Aluminum
to
Aluminum
MEK/Abrade/MEK
¼” core cell (partial core failure)
Bell Peel
Test Condition
Failure mode
3.6 lb/in width
@ -67°F(-55°C)
CF
13.3 lb/in width
Room Temperature
AF
15.9 lb/in width
4 hr @ 180°F(82°C)
AF
Property: Bell Peel
Method: ASTM D3167
Substrate: Etched Aluminum
Substrate Notes: 0.02in thick; 0.065in bondline
notes: Bell peel strengths were measured on 1 in. wide bonds at the temperatures noted. The testing jaw separation rate was 6 in. per minute. AF: adhesive failure
CF: cohesive failure SF: substrate failure
Table continued on next page
Overlap
Shear
Strength
Dwell/Cure
Time
Dwell
Time
Units
Temp
C
Temp
F
Environmental
ConditionSubstrate
Substrate
Notes
Surface
Preparation
Failure
mode
Notes
Test
Condition
3600
lb/in²
7
days
23C
73F
52%RH Aluminum0.005-
0.008in
bondline
MEK/Abrade/MEK
CF
Overlap shear (OLS) strengths were measured on 1 in.
wide 1/2 in. overlap specimens. These bonds were made
individually using 1 in. x 4 in. pieces of substrate except
for aluminum. Two panels 0.063 in. thick, 4 in. x 7 in. of
2024T-3 clad aluminum were bonded and cut into 1 in.
wide samples after 24 hours.
The separation rate of the testing jaws was 0.1 in. per
minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125 in.; plastics, 0.125 in.
Cohesive Failure (CF), Adhesive Failure (AF), Substrate
Failure (SF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com