Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB60 Datasheet(PDF) 6 Page - 3M Electronics

Part # LSB60
Description  3M??Scotch-Weld??Toughened Epoxy Adhesive LSB60
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

LSB60 Datasheet(HTML) 6 Page - 3M Electronics

  LSB60 Datasheet HTML 1Page - 3M Electronics LSB60 Datasheet HTML 2Page - 3M Electronics LSB60 Datasheet HTML 3Page - 3M Electronics LSB60 Datasheet HTML 4Page - 3M Electronics LSB60 Datasheet HTML 5Page - 3M Electronics LSB60 Datasheet HTML 6Page - 3M Electronics LSB60 Datasheet HTML 7Page - 3M Electronics LSB60 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60
Handling/Application Information (continued)
Surface Preparation
3M™ Scotch-Weld™ Toughened Epoxy Adhesives LSB60 and LSB60NS is designed to be used on plastic or metal surfaces. For high strength structural bonds, paint,
oxide lms, oils, dust, mold release agents and all other surface contaminants must me completely removed. The amount of surface preparation depends on the
required bond strength, environmental aging resistance desired by the user. The following cleaning methods are suggested for common surfaces:
Steel:
1. Wipe free of dust with oil-free solvent such as acetone or isopropyl alcohol solvents*.
2. Sandblast or abrade using clean ne grit abrasives.
3. Wipe again with solvent to remove loose particles*.
4. If a primer is used, it should be applied within 4 hours after surface preparation.
Aluminum:
1. Wipe free of dust with oil-free solvent such as acetone or isopropyl alcohol solvents*.
2. Sandblast or abrade using clean ne grit abrasives
3. Wipe again with oil-free solvent such as acetone or isopropyl alcohol solvents*
Plastics/Rubber:
1. Wipe with isopropyl alcohol*.
2. Abrade using ne grit abrasives.
3. Wipe with isopropyl alcohol*
Glass:
1. Solvent wipe surface using acetone or MEK*.
2. Apply a thin coating (0.0001 in. or less) of 3M™ Scotch-Weld™ Metal Primer EC3901 to the glass surfaces to be bonded and allow the primer to dry before bonding.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow the manufacturer’s precautions and directions for use.
Storage and Shelf Life
Store products at 60-80°F (15-27°C) for maximum shelf life.
These products have a shelf life of 18 months from date of manufacture.
Industry Speci cations
Bombardier SMP 800-C
BSS 7239
NFPA 130 test report for details (ASTM E162, ASTM E662, SMP 800-C, BSS 7239)
NFPA 130 test report for details (ASTM E1354)
Trademarks
3M, Scotch-Weld and EPX are trademarks of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-Scotch-
Weld-Toughened-Epoxy-Adhesive-LSB60?N=5002385+3293242456&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=LSB60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com