Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB60 Datasheet(PDF) 5 Page - 3M Electronics

Part # LSB60
Description  3M??Scotch-Weld??Toughened Epoxy Adhesive LSB60
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

LSB60 Datasheet(HTML) 5 Page - 3M Electronics

  LSB60 Datasheet HTML 1Page - 3M Electronics LSB60 Datasheet HTML 2Page - 3M Electronics LSB60 Datasheet HTML 3Page - 3M Electronics LSB60 Datasheet HTML 4Page - 3M Electronics LSB60 Datasheet HTML 5Page - 3M Electronics LSB60 Datasheet HTML 6Page - 3M Electronics LSB60 Datasheet HTML 7Page - 3M Electronics LSB60 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60
Typical Performance Characteristics (continued)
Overlap
Shear
Strength
Dwell/Cure
Time
Dwell
Time
Units
Temp
C
Temp
F
Environmental
ConditionSubstrate
Substrate
Notes
Surface
Preparation
Failure
mode
Notes
Test
Condition
2700
lb/in²
7 days
@
Room
Temperature
FRP
(Polyester)
0.005in
bondline
IPA
Wipe/Abrade/IPA
Wipe
SF
Overlap Shear strength was measured on 1" wide x 1/2"
overlap specimen. These bonds were made individually
using 1" x 4" pieces of substrates except for Aluminum.
Two panels 0.063 in. thick, 4 in. x 7y in of 2024T-3 clad
aluminum were bonded and cut into 1 in. wide samples
after 24 hours.
The separation rate of the testing jaws was 0.1 in. per
minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125in.; plastics, 0.125 in. The separation rate
of the testing jaws was 0.1 inch per minute for metals
and 2 inches per minute for plastics.
AF: adhesive failure CF: cohesive failure SF: substrate
failure
Room
Temperature
Property: Overlap Shear Strength
Method: ASTM D1002
Handling/Application Information
Directions for Use
1. For highest strength structural bonds, paint, oxide lms, oils, dust, mold release agents and all other surface contaminants must be completely removed. The amount
of surface preparation depends on the required bond strength, environmental aging resistance desired by user. For suggested surface preparations on common
substrates, see the section on surface preparation.
2. Mix thoroughly by weight or volume in the proportions speci ed on the product label or in the typical uncured properties section. Mix approximately 15 seconds
after a uniform color is obtained.
3. For maximum bond strength, apply adhesive evenly to both surfaces to be joined.
4. Application to the substrates should be made within 60-90 minutes. Larger quantities and/or higher temperatures will reduce this working time.
5. Join the adhesive coated surfaces and allow to cure at 60oF (16oC) or above until completely rm. Heat up to 120oF - 150oF (49oC - 66oC) will speed curing.
6. Keep parts from moving during cure. Apply contact pressure if necessary. Maximum shear strength is obtained with a 3-5 mil bond line.
7. Excess uncured adhesive can be cleaned up with ketone type solvents*.
*Note: when using solvents, extinguish all ignition sources, including pilot lights, and follow the manufacturer’s precautions and directions for use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com