Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB60 Datasheet(PDF) 2 Page - 3M Electronics

Part # LSB60
Description  3M??Scotch-Weld??Toughened Epoxy Adhesive LSB60
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

LSB60 Datasheet(HTML) 2 Page - 3M Electronics

  LSB60 Datasheet HTML 1Page - 3M Electronics LSB60 Datasheet HTML 2Page - 3M Electronics LSB60 Datasheet HTML 3Page - 3M Electronics LSB60 Datasheet HTML 4Page - 3M Electronics LSB60 Datasheet HTML 5Page - 3M Electronics LSB60 Datasheet HTML 6Page - 3M Electronics LSB60 Datasheet HTML 7Page - 3M Electronics LSB60 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Uncured Physical Properties
Property
Values
Notes
Test Condition
Color
Gray
Colors may vary from nearly white to
yellow/amber. Adhesive performance is not
a ected by color variation.
Base Color
White
Accelerator Color
Dark Gray
Base Viscosity
17200 cP
Viscosity measured using Brook eld RTV, spindle
#7, 20 RPM
80°F(27°C)
Accelerator Viscosity
68200 cP
Viscosity measured using Brook eld RTV, spindle
#7, 20 RPM
80°F(27°C)
Base Resin
Epoxy
Accelerator Resin
Amine
Base Net Weight
10 lb/gal
Accelerator Net Weight
9.8 lb/gal
Mix Ratio by Volume (B:A)
1:1
Mix Ratio by Weight (B:A)
1:1
Typical Mixed Physical Properties
Property
Values
Test Condition
Notes
Worklife
90 min
(Nozzle Mixed) @ Room
Temperature
Maximum time that adhesive can remain in a
static mixing nozzle and still be expelled
without undue force on the applicator.
Time to Handling Strength
5 h
Room Temperature
Minimum time required to achieve 50 psi of
overlap shear strength. Cure times are
approximate and depend on adhesive
temperature.
Time to Full Cure
7 day
Room Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com