Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA228 Datasheet HTML 35Page - Texas Instruments INA228 Datasheet HTML 36Page - Texas Instruments INA228 Datasheet HTML 37Page - Texas Instruments INA228 Datasheet HTML 38Page - Texas Instruments INA228 Datasheet HTML 39Page - Texas Instruments INA228 Datasheet HTML 40Page - Texas Instruments INA228 Datasheet HTML 41Page - Texas Instruments INA228 Datasheet HTML 42Page - Texas Instruments INA228 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
9 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond its power-
supply voltage, VS. For example, the voltage applied to the VS power supply terminal can be 5 V, whereas the
load power-supply voltage being monitored (the common-mode voltage) can be as high as 85 V. Note that the
device can also withstand the full 0 V to 85 V range at the input terminals, regardless of whether the device has
power applied or not. Avoid applications where the GND pin is disconnected while device is actively powered.
Place the required power-supply bypass capacitors as close as possible to the supply and ground terminals of
the device. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy or high-impedance
power supplies may require additional decoupling capacitors to reject power-supply noise.
10 Layout
10.1 Layout Guidelines
Connect the input pins (IN+ and IN–) to the sensing resistor using a Kelvin connection or a 4-wire connection.
This connection technique ensures that only the current-sensing resistor impedance is sensed between the input
pins. Poor routing of the current-sensing resistor commonly results in additional resistance present between the
input pins. Given the very low ohmic value of the current-sensing resistor, any additional high-current carrying
impedance causes significant measurement errors. Place the power-supply bypass capacitor as close as
possible to the supply and ground pins.
10.2 Layout Example
Supply bypass
capacitor
A0
A1
SDA
ALERT
IN+
INt
GND
VBUS
SCL
VS
(1)
I
2
C
interface
Via to Ground Plane
Via to Power Plane
Sense/Shunt
Resistor
Alert output
(2)
(1) Connect the VBUS pin to the voltage powering the load for load power calculations..
(2) Can be left floating if unused.
Figure 10-1. INA228 Layout Example
www.ti.com
INA228
SLYS021 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com