Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA228 Datasheet HTML 14Page - Texas Instruments INA228 Datasheet HTML 15Page - Texas Instruments INA228 Datasheet HTML 16Page - Texas Instruments INA228 Datasheet HTML 17Page - Texas Instruments INA228 Datasheet HTML 18Page - Texas Instruments INA228 Datasheet HTML 19Page - Texas Instruments INA228 Datasheet HTML 20Page - Texas Instruments INA228 Datasheet HTML 21Page - Texas Instruments INA228 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Shunt Voltage
Temperature
Bus Voltage
ALERT
(ALATCH = 0)
(APOL = 0)
(CNVR = 1)
Power
Shunt Over Voltage Threshold
Bus Under Voltage Threshold
Over Temp Threshold
Power Over Limit Threshold
BUV
SET
SOV
SET
BUV
CLEAR
SOV
&
BUV
SET
SOV
CLEAR
BUV
&
OT
SET
BUV
&
OT
&
OP
SET
- No diag. error -
Conversion Complete
Reported
Figure 7-6. Multi-Alert Configuration
7.4 Device Functional Modes
7.4.1 Shutdown Mode
In addition to the two conversion modes (continuous and triggered), the device also has a shutdown mode
(selected by the MODE bits in ADC_CONFIG register) that reduces the quiescent current to less than 5 µA and
turns off current into the device inputs, reducing the impact of supply drain when the device is not being used.
The registers of the device can be written to and read from while the device is in shutdown mode. The device
remains in shutdown mode until another triggered conversion command or continuous conversion command is
received.
The device can be triggered to perform conversions while in shutdown mode. When a conversion is triggered,
the ADC will start conversion; once conversion completes the device will return to the shutdown state.
Note that the shutdown current is specified with an inactive communications bus. Active clock and data activity
will increase the current consumption as a function of the bus frequency as shown in Figure 6-23.
7.4.2 Power-On Reset
Power-on reset (POR) is asserted when VS drops below 1.26V (typical) at which all of the registers are reset to
their default values. A manual device reset can be initiated by setting the RST bit in the CONFIG register. The
default power-up register values are shown in the reset column for each register description. Links to the register
descriptions are shown in Section 7.6.
7.5 Programming
7.5.1 I2C Serial Interface
The INA228 operates only as a secondary device on both the SMBus and I2C interfaces. Connections to the bus
are made through the open-drain SDA and SCL lines. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. Although the
device integrates spike suppression into the digital I/O lines, proper layout techniques help minimize the amount
of coupling into the communication lines. This noise introduction could occur from capacitive coupling signal
edges between the two communication lines themselves or from other switching noise sources present in the
system. Routing traces in parallel with ground in between layers on a printed-circuit board (PCB) typically
reduces the effects of coupling between the communication lines. Shielded communication lines reduce the
possibility of unintended noise coupling into the digital I/O lines that could be incorrectly interpreted as start or
stop commands.
INA228
SLYS021 – JANUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com