Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA228 Datasheet HTML 15Page - Texas Instruments INA228 Datasheet HTML 16Page - Texas Instruments INA228 Datasheet HTML 17Page - Texas Instruments INA228 Datasheet HTML 18Page - Texas Instruments INA228 Datasheet HTML 19Page - Texas Instruments INA228 Datasheet HTML 20Page - Texas Instruments INA228 Datasheet HTML 21Page - Texas Instruments INA228 Datasheet HTML 22Page - Texas Instruments INA228 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
The INA228 supports the transmission protocol for fast mode (1 kHz to 400 kHz) and high-speed mode (1 kHz to
2.94 MHz). All data bytes are transmitted most significant byte first and follow the SMBus 3.0 transfer protocol.
To communicate with the INA228, the main device must first address secondary devices through a secondary
device address byte. The secondary device address byte consists of seven address bits and a direction bit that
indicates whether the action is to be a read or write operation.
The device has two address pins, A0 and A1. Table 7-2 lists the pin logic levels for each of the 16 possible
addresses. The device samples the state of pins A0 and A1 on every bus communication. Establish the pin
states before any activity on the interface occurs. When connecting the SDA pin to either A0 or A1 to set the
device address, additional hold time of 100 ns is needed on the MSB of the I2C address to insure correct device
addressing.
Table 7-2. Address Pins and Secondary Device Addresses
A1
A0
Secondary Device Address
GND
GND
1000000
GND
VS
1000001
GND
SDA
1000010
GND
SCL
1000011
VS
GND
1000100
VS
VS
1000101
VS
SDA
1000110
VS
SCL
1000111
SDA
GND
1001000
SDA
VS
1001001
SDA
SDA
1001010
SDA
SCL
1001011
SCL
GND
1001100
SCL
VS
1001101
SCL
SDA
1001110
SCL
SCL
1001111
7.5.1.1 Writing to and Reading Through the I2C Serial Interface
Accessing a specific register on the INA228 is accomplished by writing the appropriate value to the register
pointer. Refer to Section 7.6 for a complete list of registers and corresponding addresses. The value for the
register pointer (as shown in Figure 7-9) is the first byte transferred after the secondary device address byte with
the R/W bit low. Every write operation to the device requires a value for the register pointer.
Writing to a register begins with the first byte transmitted by the main device. This byte is the secondary device
address, with the R/W bit low. The device then acknowledges receipt of a valid address. The next byte
transmitted by the main device is the address of the register to be accessed. This register address value updates
the register pointer to the desired internal device register. The next two bytes are written to the register
addressed by the register pointer. The device acknowledges receipt of each data byte. The main device may
terminate data transfer by generating a start or stop condition.
When reading from the device, the last value stored in the register pointer by a write operation determines which
register is read during a read operation. To change the register pointer for a read operation, a new value must be
written to the register pointer. This write is accomplished by issuing a secondary device address byte with the R/
W bit low, followed by the register pointer byte. No additional data are required. The main device then generates
a start condition and sends the address byte for the secondary device with the R/W bit high to initiate the read
command. The next byte is transmitted by the secondary device and is the most significant byte of the register
indicated by the register pointer. This byte is followed by an Acknowledge from the main device; then the
secondary device transmits the least significant byte. The main device may or may not acknowledge receipt of
the second data byte. The main device may terminate data transfer by generating a Not-Acknowledge after
www.ti.com
INA228
SLYS021 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com