Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA228 Datasheet HTML 17Page - Texas Instruments INA228 Datasheet HTML 18Page - Texas Instruments INA228 Datasheet HTML 19Page - Texas Instruments INA228 Datasheet HTML 20Page - Texas Instruments INA228 Datasheet HTML 21Page - Texas Instruments INA228 Datasheet HTML 22Page - Texas Instruments INA228 Datasheet HTML 23Page - Texas Instruments INA228 Datasheet HTML 24Page - Texas Instruments INA228 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
conditions to maintain the bus in HS-mode. A stop condition ends the HS-mode and switches all the internal
filters of the device to support the F/S mode.
7.5.1.3 SMBus Alert Response
The INA228 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response provides
a quick fault identification for simple secondary devices. When an Alert occurs, the main device can broadcast
the Alert Response secondary device address (0001 100) with the Read/Write bit set high. Following this Alert
Response, any secondary device that generates an alert identifies itself by acknowledging the Alert Response
and sending its address on the bus.
The Alert Response can activate several different slave devices simultaneously, similar to the I2C General Call. If
more than one slave attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until that device wins arbitration.
7.6 Register Maps
7.6.1 INA228 Registers
Table 7-3 lists the INA228 registers. All register locations not listed in Table 7-3 should be considered as
reserved locations and the register contents should not be modified.
Table 7-3. INA228 Registers
Address Acronym
Register Name
Register Size (bits)
Section
0h
CONFIG
Configuration
16
Go
1h
ADC_CONFIG
ADC Configuration
16
Go
2h
SHUNT_CAL
Shunt Calibration
16
Go
3h
SHUNT_TEMPCO
Shunt Temperature Coefficient
16
Go
4h
VSHUNT
Shunt Voltage Measurement
24
Go
5h
VBUS
Bus Voltage Measurement
24
Go
6h
DIETEMP
Temperature Measurement
16
Go
7h
CURRENT
Current Result
24
Go
8h
POWER
Power Result
24
Go
9h
ENERGY
Energy Result
40
Go
Ah
CHARGE
Charge Result
40
Go
Bh
DIAG_ALRT
Diagnostic Flags and Alert
16
Go
Ch
SOVL
Shunt Overvoltage Threshold
16
Go
Dh
SUVL
Shunt Undervoltage Threshold
16
Go
Eh
BOVL
Bus Overvoltage Threshold
16
Go
Fh
BUVL
Bus Undervoltage Threshold
16
Go
10h
TEMP_LIMIT
Temperature Over-Limit
Threshold
16
Go
11h
PWR_LIMIT
Power Over-Limit Threshold
16
Go
3Eh
MANUFACTURER_ID
Manufacturer ID
16
Go
3Fh
DEVICE_ID
Device ID
16
Go
Complex bit access types are encoded to fit into small table cells. Table 7-4 shows the codes that are used for
access types in this section.
Table 7-4. INA228 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
www.ti.com
INA228
SLYS021 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com