Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA228 Datasheet HTML 16Page - Texas Instruments INA228 Datasheet HTML 17Page - Texas Instruments INA228 Datasheet HTML 18Page - Texas Instruments INA228 Datasheet HTML 19Page - Texas Instruments INA228 Datasheet HTML 20Page - Texas Instruments INA228 Datasheet HTML 21Page - Texas Instruments INA228 Datasheet HTML 22Page - Texas Instruments INA228 Datasheet HTML 23Page - Texas Instruments INA228 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
receiving any data byte, or generating a start or stop condition. If repeated reads from the same register are
desired, it is not necessary to continually send the register pointer bytes; the device retains the register pointer
value until it is changed by the next write operation.
Figure 7-7 shows the write operation timing diagram. Figure 7-8 shows the read operation timing diagram. These
diagrams are shown for reading/writing to 16 bit registers. Registers with a higher number of bytes will behave
similarly.
Register bytes are sent most-significant byte first, followed by the least significant byte.
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Register Pointer Byte
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
ACK By
Secondary
1
D15 D14
D13
D12 D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
Secondary
Stop By
Main
1
D7
D6
D5
D4
D3
D2
D1
D0
9
A. The value of the Secondary Device Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
B. The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-7. Timing Diagram for Write Word Format
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Data MSByte
(2)
1
Start By
Main
ACK By
Secondary
ACK By
Main
From
Secondary
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15 D14 D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
(2)
Stop
No ACK By
(3)
Main
From
Secondary
1
9
D7
D6
D5
D4
D3
D2
D1
D0
A. The value of the Secondary Device Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
B. Read data is from the last register pointer location. If a new register is desired, the register pointer must be updated. See Figure 7-9.
C. ACK by the main device can also be sent.
D. The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-8. Timing Diagram for Read Word Format
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Register Pointer Byte
1
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
¢
A. The value of the Secondary Device Address Byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
Figure 7-9. Typical Register Pointer Set
7.5.1.2 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The main device
generates a start condition followed by a valid serial byte containing high-speed (HS) main device code
00001XXX. This transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400
kHz. The device does not acknowledge the HS main device code, but does recognize it and switches its internal
filters to support 2.94-MHz operation.
The main device then generates a repeated start condition (a repeated start condition has the same timing as
the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 2.94 MHz are allowed. Instead of using a stop condition, use repeated start
INA228
SLYS021 – JANUARY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com