Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAT
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS160PR412RUAT Datasheet HTML 4Page - Texas Instruments DS160PR412RUAT Datasheet HTML 5Page - Texas Instruments DS160PR412RUAT Datasheet HTML 6Page - Texas Instruments DS160PR412RUAT Datasheet HTML 7Page - Texas Instruments DS160PR412RUAT Datasheet HTML 8Page - Texas Instruments DS160PR412RUAT Datasheet HTML 9Page - Texas Instruments DS160PR412RUAT Datasheet HTML 10Page - Texas Instruments DS160PR412RUAT Datasheet HTML 11Page - Texas Instruments DS160PR412RUAT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZTX-DIFF-DC
DC Differential Tx Impedance
Impedance of Tx during active
signaling, VID,diff = 1Vpp
100
VTX-DC-CM
Tx DC common mode Voltage
0.75
V
ITX-SHORT
Tx Short Circuit Current
Total current the Tx can supply when
shorted to GND
90
mA
6.6 High Speed Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver
RLRX-DIFF
Input differential return loss
50 MHz to 1.25 GHz
-25
dB
1.25 GHz to 2.5 GHz
-22
dB
2.5 GHz to 4.0 GHz
-21
dB
4.0 GHz to 8.0 GHz
-14
dB
XTRX
Receive-side pair-to-pair isolation
Pair-to-pair isolation (SDD21) between
two adjacent active receiver pairs from
10 MHz to 8 GHz.
-47
dB
Transmitter
VTX-AC-CM-PP
Tx AC Peak-to-Peak Common Mode
Voltage
Measured with lowest EQ, GAIN = L3;
PRBS-7, 16 Gbps, over at least
106 bits using a bandpass-Pass Filter
from 30 Khz - 500 Mhz
50
mVpp
VTX-CM-DC-
ACTIVE-IDLE-
DELTA
Absolute Delta of DC Common Mode
Voltage during L0 and Electrical Idle
VTX-CM-DC = |VOUTn+ + VOUTn–|/2,
Measured by taking the absolute
difference of VTX-CM-DC during PCIe
state L0 and Electrical Idle
0
100
mV
VTX-CM-DC-
LINE-DELTA
Absolute Delta of DC Common Mode
Voltage between VOUTn+ and VOUTn–
during L0
Measured by taking the absolute
difference of VOUTn+ and VOUTn– during
PCIe state L0
10
mV
VTX-IDLE-DIFF-
AC-p
AC Electrical Idle Differential Output
Voltage
Measured by taking the absolute
difference of VOUTn+ and VOUTn– during
Electrical Idle, Measured with a band-
pass filter consisting of two first-order
filters. The High-Pass and Low-Pass
-3-dB bandwidths are 10 kHz and 1.25
GHz, respectively - zero at input
0
10
mV
VTX-IDLE-DIFF-
DC
DC Electrical Idle Differential Output
Voltage
Measured by taking the absolute
difference of VOUTn+ and VOUTn– during
Electrical Idle, Measured with a first-
order Low-Pass Filter with –3-dB
bandwidth of 10 kHz
0
5
mV
VTX-RCV-
DETECT
Amount of Voltage change allowed
during Receiver Detection
Measured while Tx is sensing whether
a low-impedance Receiver is present.
No load is connected to the driver
output
0
600
mV
RLTX-DIFF
Output differential return loss
50 MHz to 1.25 GHz
-20
dB
1.25 GHz to 2.5 GHz
-18
dB
2.5 GHz to 4.0 GHz
-18
dB
4.0 GHz to 8.0 GHz
-16
dB
XTTX
Transmit-side pair-to-pair isolation
Minimum pair-to-pair isolation
(SDD21) between two adjacent active
transmitter pairs from 10 MHz to 8
GHz.
-48
dB
Device Datapath
DS160PR412
SNLS685 – DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com