Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAT
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAT Datasheet(HTML) 1 Page - Texas Instruments

  DS160PR412RUAT Datasheet HTML 1Page - Texas Instruments DS160PR412RUAT Datasheet HTML 2Page - Texas Instruments DS160PR412RUAT Datasheet HTML 3Page - Texas Instruments DS160PR412RUAT Datasheet HTML 4Page - Texas Instruments DS160PR412RUAT Datasheet HTML 5Page - Texas Instruments DS160PR412RUAT Datasheet HTML 6Page - Texas Instruments DS160PR412RUAT Datasheet HTML 7Page - Texas Instruments DS160PR412RUAT Datasheet HTML 8Page - Texas Instruments DS160PR412RUAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DS160PR412 PCIe® 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
1 Features
• Quad channel PCIe 4.0 linear redriver or repeater
with integrated 1:2 demux
• Protocol agnostic linear redriver compatible to UPI,
DisplayPort, SAS, SATA, XFI
• Single 3.3 V supply rail
• Low 120 mW /channel active power
• No heat sink required
• Provides equalization up to 17 dB at 8 GHz to
handle up to 42 dB of PCIe 4.0 channels
• Excellent differential return loss of -13 dB input and
-15 dB output
• Low additive random jitter of 70 fs with PRBS data
• Low latency of 80 ps
• Automatic receiver detection and seamless
support for PCIe link training
• Device configuration by pin control or SMBus / I2C.
• Mux / Demux selection through pin
• -40°C to 85°C industrial temperature range
• 3.5 mm x 9 mm 42 Pin 0.5 mm pitch WQFN
package
2 Applications
• Desktop PC/motherboard
• Rack server
• Microserver & tower server
• High performance computing
• Hardware accelerator
• Network attached storage
• Storage area network (SAN) & host bus adapter
(HBA) card
• Network interface card (NIC)
3 Description
The DS160PR412 is four channel linear redrivers with
integrated demultiplexer (demux). The low-power
high-performance linear redriver is designed to
support PCIe 4.0 and other interfaces.
The DS160PR412 receivers deploy continuous time
linear equalizers (CTLE) to provide a high-frequency
boost. The equalizer can open an input eye that is
completely closed due to inter-symbol interference
(ISI) induced by an interconnect medium, such as
PCB traces and cables. The linear redriver along with
the passive channel as a whole get link trained for
best transmit and receive equalization settings
resulting in best electrical link and lowest possible
latency. Low channel-channel cross-talk, low additive
jitter and excellent return loss allows the device to
become almost a passive element in the link. The
devices has internal linear voltage regulator to provide
clean power supply for high speed data paths that
provides high immunity to any supply noise on the
board.
The DS160PR412 implements high speed testing
during
production
for
reliable
high
volume
manufacturing. The device also has low AC and DC
gain variation providing consistent equalization in high
volume platform deployment.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS160PR412
WQFN (42)
3.5 mm x 9 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Connector-B
CPU
Connector-A
x8
Slot
x8
x16
Slot
x8
PCIe Card
PCIe Card
TXB 8-ch
RXB 8-ch
RX 8-ch
TX 8-ch
x8
DS160PR412
4 Ch 1:2 De-mux
DS160PR421
4 Ch 2:1 Mux
PCIe Lane Muxing
De-multiplexer
4-Ch
4-Ch
4-Ch
Multiplexer
4-Ch
4-Ch
4-Ch
Application Use Case
www.ti.com
DS160PR412
SNLS685 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: DS160PR412
DS160PR412
SNLS685 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS160PR412RUAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
828Kb / 30P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI2-DS160PR410 Datasheet
1Mb / 34P
DS160PR410 Quad Channel PCI Express 4.0 Linear Redriver
REVISED DECEMBER 2019
DS160PR410 TI2-DS160PR410 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
DS160PR410-Q1 TI2-DS160PR410-Q1 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
More results

Similar Description - DS160PR412RUAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
logo
Pericom Semiconductor C...
PI2EQX5964 PERICOM-PI2EQX5964 Datasheet
151Kb / 1P
5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
TMUXHS4412 TI-TMUXHS4412 Datasheet
3Mb / 30P
TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com