Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAT
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS160PR412RUAT Datasheet HTML 6Page - Texas Instruments DS160PR412RUAT Datasheet HTML 7Page - Texas Instruments DS160PR412RUAT Datasheet HTML 8Page - Texas Instruments DS160PR412RUAT Datasheet HTML 9Page - Texas Instruments DS160PR412RUAT Datasheet HTML 10Page - Texas Instruments DS160PR412RUAT Datasheet HTML 11Page - Texas Instruments DS160PR412RUAT Datasheet HTML 12Page - Texas Instruments DS160PR412RUAT Datasheet HTML 13Page - Texas Instruments DS160PR412RUAT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of both SDA and SCL
signals
Pull-up resistor = 4.7 kΩ, Cb = 10pF
120
ns
tf
Fall time of both SDA and SCL signals Pull-up resistor = 4.7 kΩ, Cb = 10pF
2
ns
tSU-STO
Set-up time for STOP condition
0.6
µs
tBUF
Bus free time between a STOP and
START condition
1.3
µs
tVD-DAT
Data valid time
0.9
µs
tVD-ACK
Data valid acknowledge time
0.9
µs
Cb
capacitive load for each bus line
400
pF
DS160PR412
SNLS685 – DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com