Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAT
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAT Datasheet(HTML) 22 Page - Texas Instruments

Back Button DS160PR412RUAT Datasheet HTML 18Page - Texas Instruments DS160PR412RUAT Datasheet HTML 19Page - Texas Instruments DS160PR412RUAT Datasheet HTML 20Page - Texas Instruments DS160PR412RUAT Datasheet HTML 21Page - Texas Instruments DS160PR412RUAT Datasheet HTML 22Page - Texas Instruments DS160PR412RUAT Datasheet HTML 23Page - Texas Instruments DS160PR412RUAT Datasheet HTML 24Page - Texas Instruments DS160PR412RUAT Datasheet HTML 25Page - Texas Instruments DS160PR412RUAT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
8.2.2 DisplayPort Application
The DS160PR412 can be used as a four channel DisplayPort (DP) redriver demux for data rates up to 20 Gbps.
To use the device in a non-PCIe application, the RX_DET pin must be pin-strapped to GND with 1 kΩ resistor
(L0).
The inverted DisplayPort HPD signal can be used to put the device into standby mode by using its PD pin. Note
in a DisplayPort link a sink can use HPD line to create an interrupt for its link partner source. If HPD signal is
used for power management an RC filter must be installed to filter out HPD interrupt signals.
The device is a linear redriver which is agnostic to DP link training. The DP link training negotiation between a
display source and sink stays effective through the device . The redriver becomes part of the electrical channel
along with passive traces, cables, and so forth, resulting into optimum source and sink parameters for best
electrical link.
Figure 8-4 shows a simplified schematic for DisplayPort demultiplexing application using DS160PR412. Auxiliary
and Hot plug detect (HPD) are demuxed outside of DS160PR412. If system use case requires implementing DP
power states, the device must be controlled by the I2C or the pin-strap pins.
Minimum
recommended
decoupling
EQ0
EQ1
Pin strap to fine tune
EQ gain settings
GND
GPIO mode
MODE
1 NŸ
RX_DET
GAIN
Optional pin strap
control for DC gain
1k
Linear
Driver
RXnP
RXnN
CTLE
Linear
Driver
DisplayPort
Source
DisplayPort
Sink A
DisplayPort
Sink B
DS160PR412
DP Main Link Redriver
1:2 Demux
TXAnP
TXAnN
TXBnP
TXBnN
TS3A5223
2-Ch 2:1 mux
AUXBp
AUXBn
HPDB
AUXAp
AUXAn
HPDA
AUXBp
AUXBn
HPDB
AUXAp
AUXAn
HPDA
AUXp
AUXn
HPD
AUXp
AUXn
HPD
3.3V
59k
0.1 F
HPD
For brevity AUX
biasing is not shown
PD
SEL
Demux control
VCC
0.1 F
(2x)
VCC
1 F
1 of 4
channels
VREG1
0.1 F
VREG2
0.1 F
GND
100k
Figure 8-4. Simplified Schematic for DisplayPort Demultiplexer Application
DS160PR412
SNLS685 – DECEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com