Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAT
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAT Datasheet(HTML) 15 Page - Texas Instruments

Back Button DS160PR412RUAT Datasheet HTML 11Page - Texas Instruments DS160PR412RUAT Datasheet HTML 12Page - Texas Instruments DS160PR412RUAT Datasheet HTML 13Page - Texas Instruments DS160PR412RUAT Datasheet HTML 14Page - Texas Instruments DS160PR412RUAT Datasheet HTML 15Page - Texas Instruments DS160PR412RUAT Datasheet HTML 16Page - Texas Instruments DS160PR412RUAT Datasheet HTML 17Page - Texas Instruments DS160PR412RUAT Datasheet HTML 18Page - Texas Instruments DS160PR412RUAT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Table 7-1. Equalization Control Settings
EQUALIZATION SETTING
TYPICAL EQ BOOST (dB)
EQ INDEX
EQ1_0 (Ch 0-3) / EQ1_1 (Ch
4-7)
EQ0_0 (Ch0-3) / EQ0_1 (Ch
4-7)
@ 4 GHz
@ 8 GHz
0
L0
L0
0.0
-0.1
1
L0
L1
1.5
4.5
2
L0
L2
2.0
5.5
3
L0
L3
2.5
6.5
4
L1
L0
2.7
7.0
5
L1
L1
3.0
8.0
6
L1
L2
4.0
9.0
7
L1
L3
5.0
10.0
8
L2
L0
6.0
11.0
9
L2
L1
7.0
12.0
10
L2
L2
7.5
12.5
11
L2
L3
8.0
13.0
12
L3
L0
8.5
14.0
13
L3
L1
9.5
15.0
14
L3
L2
10.0
16.0
15
L3
L3
11.0
17.0
The equalization of the device can also be set by writing to SMBus/I2C registers in slave mode. Refer to the
DS160PR412/421 Programming Guide for details.
7.3.2 Flat Gain
The GAIN pin can be used to set the overall datapath flat gain (broadbabd gain including high frequency) of the
DS160PR412 when the device is in Pin Mode. The default recommendation for most systems will be GAIN = L3
(float).
The flat gain and equalization of the DS160PR412 must be set such that the output signal swing at DC and high
frequency does not exceed the DC and AC linearity ranges of the devices, respectively.
Note the device also provides AC (high frequency) gain in the form of equalization controlled by EQ pins or
SMBus/I2C registers.
7.3.3 Receiver Detect State Machine
The DS160PR412 deploys an RX detect state machine that governs the RX detection cycle as defined in the
PCI express specifications. At device power up or through manually triggered event using PD or SEL pin or
writing to the relevant I2C/SMBus register, the redriver determines whether or not a valid PCI express
termination is present at the far end of the link. The RX_DET pin of DS160PR412 provides additional flexibility
for system designers to appropriately set the device in desired mode according to Table 7-2. For the PCIe
application the RX_DET pin can be left floating for default settings.
Note power up ramp or PD/SEL event triggers RX detect for all four channels. In applications where
DS160PR412 channels are used for multiple PCIe links, the RX detect function can be performed for individual
channels through writing in appropriate I2C/SMBus registers.
Table 7-2. Receiver Detect State Machine Settings
PD
RX_DET
RX Common-mode Impedance
COMMENTS
L
L0
Always 50 Ω
PCI Express RX detection state machine is disabled.
Recommended for non PCIe interface use case where the
DS160PR412 is used as buffer with equalization.
www.ti.com
DS160PR412
SNLS685 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DS160PR412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com