Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology LTC4255 Datasheet HTML 12Page - Linear Technology LTC4255 Datasheet HTML 13Page - Linear Technology LTC4255 Datasheet HTML 14Page - Linear Technology LTC4255 Datasheet HTML 15Page - Linear Technology LTC4255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4255
14
4255f
Schottky diodes should be added between the drains of
the FETs and AGND using a layout that minimizes the
trace lengths between the parts.
Address Selection
The lower 5 bits of the serial interface address can be set
by the address selection pins AD0 to AD4 with AD0 being
the least significant bit. The upper two bits are preset to
AD5 = high and AD6 = low. To force an address bit to low,
the address selection pin should be connected to DGND.
To force an address bit to high, the address selection pin
can be left floating and an internal pull-up resistor will pull
the pin up to the internal digital supply voltage (typically
5V). If more noise immunity is needed, the pin can be
connected directly to a 5V or 3.3V external supply.
If the autoretry enable bit (B1) is set, then the channel will
automatically restart after the retry delay timer expires
(Figure 12, point E). If the channel successfully powers up
after an autoretry, the Power_OK bit (CO) will be set.
However, FAULT will continue to pull down and the short-
circuit bit (DO) will remain high until the fault is cleared by
setting the FAULT clear bit (BO).
In the case of a short-circuit occuring after a normal
power-up, high rates of change of current (high di/dt)
through the inductance of the cable or even the traces on
the PCB can cause the voltages at OUT1-4 to overshoot.
A 100k
Ω resistor should be placed between the drains of
the FETs and the OUT1-4 pins to limit the energy absorbed
by the LTC4255 if the drains of the FETs exceed OUT1-4’s
absolute maximum voltage rating. Also, if the FETs are
not capable of safely absorbing this energy, high-speed
APPLICATIO S I FOR ATIO
Figure 12. Power-Up Sequence with Shorted Load on Channel 1 with Autoretry Enabled
4255 F12
AO
ACK
STOP BIT
SCL
SDA
SHORT-CIRCUIT STATUS
(D0)
OPEN-CIRCUIT STATUS
(D4)
POWER_OK
(C0)
FAULT
RELAY1
GATE1
OUT1
AB
C
D
E
F
GH
FET
TURNS ON
tOD
tR
tCL
CL TIMER
EXPIRES
CL TIMER
EXPIRES
FAULT CLEARED
FET
CURRENT
BO
ACK
STOP BIT
AUTO-RESTART
INITIATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com