Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 1 Page - Linear Technology

  LTC4255 Datasheet HTML 1Page - Linear Technology LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4255
1
4255f
s
Controls Four Independent –48V Power Channels
s
Each Channel has Separate Relay Drivers, ON/OFF
Control, Short-Circuit Protection with Current
Foldback, Open-Circuit Detection, and Power Good
Indication
s
Programmed via I2C
TM Compatible Interface
s
Five Bit Programmable Digital Address Allows
Control of up to 32 LTC4255s (128 Channels)
s
Interrupt on FAULT Output can be used to Eliminate
Software Polling
s
Programmable Current Limit and Open-Circuit
Duration Periods
s
Programmable Latchoff or Autoretry after Short-
Circuit Faults
s
Programmable Autoretry Duty Cycle
Quad Network Power
Controller with I2C Compatible Interface
The LTC
®4255 is a quad –48V network power controller
with independent relay drivers and I2C compatible inter-
face. Each channel can be turned on and off via software
control, while providing short-circuit protection, open-
circuit detection, and power good indication. The short-
circuit protection includes a current foldback feature to
reduce power dissipation in the switch during shorts and
start-up.
The serial interface allows up to 128 channels to be
controlled with only two digital lines. A FAULT output can
be used as an interrupt line to eliminate fault detection by
software polling.
External switches and current sense resistors allow easy
scaling of current and power dissipation levels and pro-
vide the maximum protection against voltage and current
spikes.
The LTC4255 is available in the 28-pin SSOP package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
RS1
0.33
Ω
RS2
0.33
Ω
RS3
0.33
Ω
RS4
0.33
Ω
Q1
Q2
Q3
Q4
12V
0.1
µF
–48V
4255 TA01
100k
100k
100k
100k
SCL
SDA
FAULT
AD0
AD1
AD2
AD3
AD4
DGND AGND
VEE
SENSE1 GATE1
OUT1 SENSE2 GATE2
OUT2 SENSE3 GATE3
OUT3 SENSE4 GATE4 OUT4
RELAY1
RELAY2
RELAY3
RELAY4
LTC4255
VCC
0.1
µF
Q1, Q2, Q3, Q4: FDC3612
RELAYS: V23079 SERIES
s
IP Phone Systems
s
DTE Power Distribution
I2C is a trademark of Philips Electronics N.V.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4255 LINER-LTC4255 Datasheet
217Kb / 16P
Quad Network Power Controller with IC Compatible Interface
LTC4255 LINER-LTC4255_15 Datasheet
217Kb / 16P
Quad Network Power Controller with IC Compatible Interface
More results

Similar Description - LTC4255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240 Datasheet
486Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
logo
National Semiconductor ...
LM2755 NSC-LM2755 Datasheet
1Mb / 14P
Charge Pump LED Controller with I2C Compatible Interface in Micro SMD
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
Asahi Kasei Microsystem...
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
Low Power Touch Screen Controller with I2C Interface
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
logo
Asahi Kasei Microsystem...
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
Low Power Touch Screen Controller with I2C Interface
logo
Linear Technology
LTC4255 LINER-LTC4255_15 Datasheet
217Kb / 16P
Quad Network Power Controller with IC Compatible Interface
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
logo
Texas Instruments
LM2755 TI1-LM2755 Datasheet
1,022Kb / 21P
Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
logo
Renesas Technology Corp
ISL80083 RENESAS-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com