Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 5 Page - Linear Technology

  LTC4255 Datasheet HTML 1Page - Linear Technology LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4255
5
4255f
TYPICAL PERFOR A CE CHARACTERISTICS
IOUT vs VOUT
IOUT vs Temperature
IGATE vs Temperature
IGATE vs Temperature
ISENSE vs Temperature
VEE Undervoltage Lockout
vs Temperature
Relay Driver Output Low Voltage
(VOLR) vs Temperature
VOUT (V)
–50
–1.0
–0.8
–0.6
–30
–10
4255 G10
–1.2
–1.4
–1.6
–40
–20
–0.4
–0.2
0
0
TA = 25°C
VEE = –48V
TEMPERATURE (
°C)
–50
0.8
1.0
1.2
1.4
1.6
2.0
–25
025
50
4255 G11
75
100
1.8
VOUT = VEE
TEMPERATURE (
°C)
–50
–44
–46
–48
–50
–52
–54
–56
–58
25
75
4255 G12
–25
0
50
100
GATE ON
VGATE = VEE
TEMPERATURE (
°C)
–50
35
40
45
50
55
65
–25
025
50
4255 G13
75
100
60
GATE OFF
VGATE = VEE + 5V
VGATE vs Temperature
TEMPERATURE (
°C)
–50
13.6
13.4
13.2
13.0
12.8
12.6
12.4
12.2
25
75
4255 G14
–25
0
50
100
TEMPERATURE (
°C)
–50
–48
–47
–46
–45
–44
–42
–25
025
50
4255 G15
75
100
–43
VSENSE = VEE
TEMPERATURE (
°C)
–50
–32
–31
–30
–29
–28
–26
–25
025
50
4255 G16
75
100
–27
AD0-4 Pullup Resistors to 5V (RPU)
vs Temperature
TEMPERATURE (
°C)
–50
0.150
0.160
100
4255 G17
0.140
0.130
–25
25
0
50
75
0.170
0.145
0.155
0.135
0.165
IRELAY = 50mA
TEMPERATURE (
°C)
51
52
54
55
56
0
100
60
4255 G18
53
–50
50
57
58
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com