Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 3 Page - Linear Technology

  LTC4255 Datasheet HTML 1Page - Linear Technology LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4255
3
4255f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, VEE = –48V, AGND = DGND = 0V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VILD
Digital Input Low Voltage
SCL, SDA
q
0.8
V
VIHD
Digital Input High Voltage
SCL, SDA
q
2.4
V
RPU
AD0 to AD4 Pullup Resistors to 5V
30
50
90
k
Ω
AC Characteristics
tCL
Current Limit Filter Time
B5 = 0, B4 = 0, Figure 2
q
4.8
6
7.2
ms
B5 = 0, B4 = 1
q
9.6
12
14.4
ms
B5 = 1, B4 = 0
q
19.2
24
28.8
ms
B5 = 1, B4 = 1
q
76.8
96
115.2
ms
tOCD
Open-Circuit Enable Delay
B7 = 0, B6 = 0
q
50
62
74
ms
After Power_OK
B7 = 0, B6 = 1
q
104
130
156
ms
B7 = 1, B6 = 0
q
213
267
320
ms
B7 = 1, B6 = 1
q
433
541
649
ms
tOCF
Open-Circuit Filter Time
Figure 3
q
9.6
18
28.8
ms
tOD
Turn-On Delay Time
Figure 4
q
9.6
18
28.8
ms
DCR
Retry Duty Cycle
B3 = 0
q
0.78
0.83
0.89
%
B3 = 1
q
5.5
6
6.7
%
tSCLK
Clock Frequency
(Note 3)
q
400
kHz
t1
Bus Free Time
Figure 1 (Notes 3, 4)
q
1.3
µs
t2
Start Hold Time
Figure 1 (Notes 3, 4)
q
600
ns
t3
SCL Low Time
Figure 1 (Notes 3, 4)
q
1.3
µs
t4
SCL High Time
Figure 1 (Notes 3, 4)
q
600
ns
t5
Data Hold Time
Figure 1 (Notes 3, 4)
q
150
ns
t6
Data Setup Time
Figure 1 (Notes 3, 4)
q
200
ns
t7
Start Setup Time
Figure 1 (Notes 3, 4)
q
600
ns
t8
Stop Setup Time
Figure 1 (Notes 3, 4)
q
600
ns
t9
Stop to Fault Clear
Figure 1 (Notes 3, 4)
q
300
ns
tr
SCL, SDA Rise Time
Figure 1 (Notes 3, 4)
q
20
300
ns
tf
SCL, SDA Fall Time
Figure 1 (Notes 3, 4)
q
20
150
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: Guaranteed by design, not subject to test.
Note 4: Values referred to VILD and VIHD.
Note 5: A Zener diode clamps the relay drivers at 18V (RELAY 1-4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com