Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4255
6
4255f
FAULT (Pin 1): Open-Drain FAULT Output. Pulls low when
a short-circuit or open circuit fault occurs. The signal can
be used to generate a fault condition interrupt to the host
controller eliminating the need for continuous software
polling.
SCL (Pin 2): Serial Interface Clock Input. It requires a
resistor or current source that pulls up to a supply that is
less than 6V.
SDA (Pin 3): Serial Interface Data Input and Output. It
requires a resistor or current source that pulls up to a
supply that is less than 6V.
AD0-4 (Pins 4,5,6,7,8): Serial Interface Address Inputs.
Connect to DGND for a low, float or connect to 3.3V or 5V
supply for a high.
RELAY1-4 (Pins 9,10,11,12): Relay Driver Outputs. Open
collector capable of sinking 50mA to within 0.3V of DGND.
An internal 18V clamp to DGND will protect the part when
the relay is turned off.
DGND (Pin 13): Digital Ground. Return for digital logic and
relay drivers. Must be within
±5V of AGND.
VCC (Pin 14): 12V Supply Input. Powers the digital section
and relay drivers. Bypass with a 0.1
µF capacitor to DGND.
AGND (Pin 15): Analog Ground.
SENSE1-4 (Pins 16,19,23,26): Current Sense Inputs.
Monitors the FET current with a sense resistor placed
PI FU CTIO S
between SENSE and VEE. When the voltage across the
sense resistor reaches the short-circuit sense voltage, the
GATE pin voltage will be lowered to maintain a constant
current in the FET. At the same time, the current limit timer
will be started. If the short-circuit condition persists for the
duration of the current limit timer period, the FET will be
turned off. The short-circuit sense voltage is lowered to
reduce the FET power dissipation when the voltage at the
associated OUT pin is within 18V of AGND.
If the open-circuit enable bit is set and the voltage across
the sense resister remains below the open-circuit sense
voltage for longer than tOCF, the open-circuit filter time,
then the FET will be turned off.
GATE1-4 (Pins 17,20,24,27): Gate Drive Outputs. When
the FET is turned on, a 50
µA pull-up current source is
connected to the pin. The gate voltage is clamped to
13V(typ) above VEE. During a short-circuit condition, the
GATE pin voltage will be driven to a lower voltage to
maintain a constant current in the FET.
OUT1-4 (Pins 18,21,25,28): Output Voltage Monitor In-
puts. A current limit foldback feature limits the power
dissipation in the FET by reducing the short-circuit current
when the voltage at the OUT pin is between AGND and
AGND – 18V. The Power_OK bit is set when the voltage
from OUT to VEE is less than about 2V.
VEE (Pin 22): –48V Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com