Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # ZSC31015EEG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EEG1-R Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button ZSC31015EEG1-R Datasheet HTML 41Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 42Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 43Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 44Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 45Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 46Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 47Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 48Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
© 2016 Integrated Device Technology, Inc
45
November 14, 2016
ZSC31015 Datasheet
5
EEPROM Restoration
If needed, the default settings for the ZSC31015 (see Table 3.5) can be reprogrammed as described in section 3.
The following sections describe EEPROM content validation and handling during and/or after system assembly.
Important: During the sawing and dicing process, there is a possibility of the EEPROM contents flipping, and
prevention cannot be guaranteed. This is primarily a concern for the factory trim settings, which are customized to
each part.
The EEPROM default values programmed during the different test levels have been selected so that customer
has the option to refresh/reprogram trim bits that might have flipped during sawing or dicing.
Important: The EEPROM lock is stored in the bit range 105:103. A value of 6HEX or 3HEX will lock the EEPROM
forever by disabling the charge pump needed for EEPROM writing. The complete contents can also be validated
using the EEPROM signature stored in bits [151:144], (see “Signature” in Table 3.5).
5.1.
Default EEPROM Contents
During the wafer level test (wafer/dice delivery) and during final test for SOP8 packaged parts, the EEPROM is
programmed with the default values listed in the Table 3.5. During the wafer level test, the Osc_trim bits [2:0] and
1V_Trim/JFET_Trim trim bits [6:3] are set to die-specific values.
5.1.1.
Osc_Trim
The oscillator frequency is trimmed to a value of 512kHz±20% using the Osc_Trim bit setting. The 3-bit setting is
copied twice to Cust_ID1[134:132] and [130:128] and then a third time to Cust_ID2[138:136] to ensure the factory
settings are retained so that the customer can reprogram these values in the Osc_Trim bit if needed. Based on
the most probable trimming, the default values for the Osc_Trim bits are always set to 0HEX during factory testing
to guarantee communication even if bits have flipped.
5.1.2.
1V_Trim/JFET_Trim
The 5V reference for the JFET regulation is factory trimmed during the final test to 5V±15mV using the 1V_Trim/
JFET_Trim bit setting. The 4-bit setting stored in EEPROM bits [6:3] is copied twice to the Cust_ID0 bits [127:124]
and [123:120] to ensure the factory settings are retained so that the customer can reprogram these values in the
1V_Trim/JFET_Trim bits if needed.
5.2.
EEPROM Restoration Procedure
After module assembly, the EEPROM content should be refreshed. If JFET regulation is not used for the user
’s
application and optimized response time is not an important criterion, write the default values shown in Table 3.5
to the EEPROM bit range [143:7] and retain the existing values in the bit range [6:0]. If JFET regulation or
optimized response time is required, the bit restoration procedure shown in the flow chart in Figure 5.1 must be
used to keep the factory settings programmed during the testing. If customer oscillator trimming is required, see
ZSC31015_Tech_Notes_JFET_and_Osc_Trimming_revX.X .pdf for instructions.)
Note: The EEPROM signature is re-calculated and updated after every EEPROM writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com