Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ZSC31015EEG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EEG1-R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ZSC31015EEG1-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 21Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 22Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 23Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 24Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 25Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 26Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 27Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
© 2016 Integrated Device Technology, Inc
24
November 14, 2016
ZSC31015 Datasheet
Normal Operation Mode
Start_NOM
Power ON
Command Mode
Raw Mode
No commands possible
Measurement cycle
Conditioning calculations
(corrected bridge and
temperature values)
Depending on configuration,
the Sig
TM pin is
• 0 V to 1 V;
• Rail-to-rail ratiometric; or
• Digital output
Diagnostic functions
Measurement cycle stopped
Full command set
Command routine will be
processed after each
command
Measurement cycle
Sig
TM pin provides raw bridge
and temperature values in the
format:
• Bridge_high (1st byte)
• Bridge_low
(2
nd byte)
• Temp
(3
rd byte)
Start_RM
Command
Window (3 ms); send
Start_CM
Start_CM
No Command
Power OFF
Diagnostic
State*
Error Detection
Figure 3.1
General Working Mode
* See section 2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com