Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ZSC31015EEG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EEG1-R Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ZSC31015EEG1-R Datasheet HTML 45Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 46Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 47Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 48Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 49Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 50Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 51Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 52Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 53Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
© 2016 Integrated Device Technology, Inc
49
November 14, 2016
ZSC31015 Datasheet
11
Part Ordering Codes
Please contact IDT Sales for additional information.
Sales Code
Description
Package
ZSC31015EEB
ZSC31015 Die
— Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSC31015EEC
ZSC31015 Die
— Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSC31015EEG1-R
ZSC31015 SOP8 (150 mil)
— Temperature range: -50°C to +150°C
Reel
ZSC31015EEG1-T
ZSC31015 SOP8 (150 mil)
— Temperature range: -50°C to +150°C
Tube
ZSC31015EAB
ZSC31015 Die
— Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31015EAC
ZSC31015 Die
— Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31015EAG1-R
ZSC31015 SOP8 (150 mil)
— Temperature range: -40°C to +125°C
Reel
ZSC31015EAG1-T
ZSC31015 SOP8 (150 mil)
— Temperature range: -40°C to +125°C
Tube
ZSC31015EIB
ZSC31015 Die
— Temperature range: -25°C to +85°C
Unsawn on Wafer
ZSC31015EIC
ZSC31015 Die
— Temperature range: -25°C to +85°C
Sawn on Wafer Frame
ZSC31015EIG1-R
ZSC31015 SOP8 (150 mil)
— Temperature range: -25°C to +85°C
Reel
ZSC31015EIG1-T
ZSC31015 SOP8 (150 mil)
— Temperature range: -25°C to +85°C
Tube
ZSC31015KIT
ZSC31015
ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement
Board, USB Cable, 5 IC Samples (SOP8)
(ZACwire™ SSC Evaluation Software can be downloaded from www.IDT.com/ZSC31015)
Kit
Contact IDT Sales for support and sales of IDT
’s ZSC31015 Mass Calibration System.
12
Related Documents
Document
ZACwire™ SSC Evaluation Kit Description
ZSC31015 Die Dimensions and Pad Coordinates**
SSC Evaluation Kits Feature Sheet *
(includes ordering codes)
ZSC31010/31015/31050 Application Note
– External
Protection Circuitry
IDT Wafer Dicing Guidelines
Visit the ZSC31015 product page (www.IDT.com/ZSC31015) or contact your nearest sales office for the latest version of these
documents.
* Documents marked with an asterisk (*) can be found on the Evaluation Tools page (www.IDT.com).
** Documents marked with two asterisks (**) are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com