Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZSC31015EEG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EEG1-R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSC31015EEG1-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 21Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 22Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 23Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
© 2016 Integrated Device Technology, Inc
20
November 14, 2016
ZSC31015 Datasheet
2.5.
Clock Generator / Power-On Reset (CLKPOR)
If the power supply exceeds 2.5V (maximum), the reset signal de-asserts and the clock generator starts working
at a frequency of approximately 512kHz (±20%). The exact value only influences the conversion cycle time and
communication to the outside world but not the accuracy of signal processing. In addition, to minimize the
oscillator error as the VDD voltage changes, an on-chip regulator is used to supply the oscillator block.
2.5.1.
Trimming the Oscillator
Settings for the Osc_Trim bits in EEPROM fine-tune the oscillator frequency. See Table 3.5 for bit locations and
Table 2.2 for possible settings. The default value is 0HEX to ensure communication on start-up.
Important: Optimal oscillator trimming is determined during wafer-level testing and final package testing, and this
part-specific factory value, which can be copied to Osc_Trim, is stored in bits in the CUST_ID1 and CUST_ID2
EEPROM bits for applications requiring optimal response time. In this case, see section 5 for important notes and
instructions for copying these optimal values to the Osc_Trim bits before calibration. It is strongly recommended
that only the default value or the factory trim value be used because ZACwire
TM communication is not guaranteed
at different oscillator frequencies.
Table 2.2
Oscillator Trimming
Osc_Trim Bits
Delta Frequency (kHz)
100
+385
101
+235
110
+140
111
+65
000
Nominal
001
-40
010
-76
011
-110
Example: Programming 011B  the trimmed frequency = nominal value – 110 kHz.
2.6. Diagnostic Features
The ZSC31015 offers a full suite of di
agnostic features to ensure robust system operation in the most “mission-
critical” applications. If the part is programmed in Analog Output Mode, then diagnostic states are indicated by
an output below 2.5% of VDD or above 97.5% of VDD. If the part is programmed in Digital Output Mode, then
diagnostic states will be indicated by a transmission with a generated parity error.
Table 2.3 gives a summary of the diagnostic features, which are explained in detail in the following sections.
EEPROM settings that control diagnostic functions are given in section 3.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com