Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZSC31015EEG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EEG1-R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZSC31015EEG1-R Datasheet HTML 6Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 7Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 8Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 9Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 10Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 11Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31015EEG1-R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
© 2016 Integrated Device Technology, Inc
10
November 14, 2016
ZSC31015 Datasheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Overall Accuracy
– Digital
(only IC, without sensor bridge)
ACoutD
-25°C to 85°C
0.1%
%FSO
-50°C to 150°C
0.25%
Overall Accuracy
– Analog
3), 4)
(only IC, without sensor bridge)
ACoutA
-25°C to 85°C
0.25%
%FSO
-40°C to 125°C
0.35%
-50°C to 150°C
0.5%
1)
Note: This is
 4 LSBs for the 14-bit A-to-D conversion. This results in absolute accuracy to 12-bits on the A-to-D result. Non-linearity is typically better at
temperatures less than 125°C.
2)
When using a pull-down resistor as the load resistor, the power loss detection diagnostic for loss of VSS cannot be assured at RL=5kΩ; RL=10kΩ is
recommended for this configuration.
3)
Not included is the quantization noise of the DAC. The 12-bit DAC has a quantization noise of
 ½ LSB = 0.61mV (@ 5V VDD) = 0.0125%.
4)
Analog output range 2.5% to 95%
1.4.
Analog Inputs versus Output Resolution
The ZSC31015 has a fully differential chopper-stabilized pre-amplifier with four programmable gain settings. The
output of the pre-amplifier feeds into a 14-bit charge-balanced ADC. Span, offset, temperature, and non-linearity
correction are performed in the digital domain. Then the resulting corrected bridge value can be output in analog
form through a 12-bit DAC or as a 16-bit serial digital packet. The resolution of the output depends on the input
span (bridge sensitivity) and the analog gain setting programmed. Digital gains can vary from [0,32). Analog gains
available are 6, 24, 48, and 96.
Note: At higher analog gain settings, there will be higher output resolution, but the ability of the ZSC31015 to
handle large offsets decreases. This is expected because the offset is also amplified by the analog gain and can
therefore saturate the ADC input.
The following tables outline the guaranteed minimum resolution for a given bridge sensitivity range.
Table 1.1
ADC Resolution Characteristics for an Analog Gain of 6
Analog Gain 6
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
57.8
80.0
105.8
38%
12.4
50.6
70.0
92.6
53%
12.2
43.4
60.0
79.4
73%
12.0
36.1
50.0
66.1
101%
11.7
28.9
40.0
52.9
142%
11.4
21.7
30.0
39.7
212%
11.4
1)
In addition to Tco, Tcg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com