Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IYST Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSZ182IYST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IYST Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSZ182IYST Datasheet HTML 15Page - STMicroelectronics TSZ182IYST Datasheet HTML 16Page - STMicroelectronics TSZ182IYST Datasheet HTML 17Page - STMicroelectronics TSZ182IYST Datasheet HTML 18Page - STMicroelectronics TSZ182IYST Datasheet HTML 19Page - STMicroelectronics TSZ182IYST Datasheet HTML 20Page - STMicroelectronics TSZ182IYST Datasheet HTML 21Page - STMicroelectronics TSZ182IYST Datasheet HTML 22Page - STMicroelectronics TSZ182IYST Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
If the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become conductive and excessive
current can flow through them. Without limitation this over current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input pin, as described in
Figure 50. Input current limitation.
Figure 50. Input current limitation
+
-
Vin
R
VCC+
VCC-
5.4
Rail-to-rail input/output
The TSZ18x has a rail-to-rail input, and the input common mode range is extended from (VCC -) - 0.1 V to (VCC+)
+ 0.1 V.
The operational amplifier output levels can go close to the rails: to a maximum of 40 mV above and below the rail
when connected to a 10 kΩ resistive load to VCC/2.
5.5
Input offset voltage drift over temperature
The maximum input voltage drift variation over temperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during production at application level. The maximum input voltage drift over temperature enables
the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift over temperature is computed using Equation 1.
Equation 1
∆Vio
∆T
max
Vio T
( ) V
io 25
(
)
–
T 25 °C
–
=
°C
Where T = -40 °C and 125 °C.
The TSZ18x datasheet maximum value is guaranteed by measurements on a representative sample size
ensuring a Cpk (process capability index) greater than 1.3.
5.6
Capacitive load
Driving large capacitive loads can cause stability problems. Increasing the load capacitance produces gain
peaking in the frequency response, with overshoot and ringing in the step response. It is usually considered that
with a gain peaking higher than 2.3 dB an op amp might become unstable.
Generally, the unity gain configuration is the worst case for stability and the ability to drive large capacitive loads.
Figure 51. Stability criteria with a serial resistor at VCC = 5 V, Figure 52. Stability criteria with a serial resistor at
VCC = 3.3 V, and Figure 53. Stability criteria with a serial resistor at VCC = 2.2 V show the serial resistors that
must be added to the output, to make a system stable. Figure 54. Test configuration for Riso shows the test
configuration using an isolation resistor, Riso.
TSZ181, TSZ182
Rail-to-rail input/output
DS11863 - Rev 5
page 19/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com