Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IYST Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSZ182IYST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IYST Datasheet(HTML) 3 Page - STMicroelectronics

  TSZ182IYST Datasheet HTML 1Page - STMicroelectronics TSZ182IYST Datasheet HTML 2Page - STMicroelectronics TSZ182IYST Datasheet HTML 3Page - STMicroelectronics TSZ182IYST Datasheet HTML 4Page - STMicroelectronics TSZ182IYST Datasheet HTML 5Page - STMicroelectronics TSZ182IYST Datasheet HTML 6Page - STMicroelectronics TSZ182IYST Datasheet HTML 7Page - STMicroelectronics TSZ182IYST Datasheet HTML 8Page - STMicroelectronics TSZ182IYST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vid
Differential input voltage (2)
±VCC
Vin
Input voltage (3)
(VCC -) - 0.2 to (VCC +) + 0.2
Iin
Input current (4)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction-to-ambient (5) (6)
DFN8 2x2
57
°C/W
DFN6 1.2x1.3
232
SOT23-5
250
MiniSO8
190
SO8
125
ESD
HBM: human body model (7)
4
kV
CDM: charged device model (8)
1.5
Latch-up immunity
200
mA
1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
3. VCC - Vin must not exceed 6 V, Vin must not exceed 6 V.
4. Input current must be limited by a resistor in series with the inputs.
5. Rth are typical values.
6. Short-circuits can cause excessive heating and destructive dissipation.
7. Human body model: 100 pF discharged through a 1.5 kΩ resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
8. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to
ground.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
Vicm
Common mode input voltage range
(VCC -) - 0.1 to (VCC +) + 0.1
Toper
Operating free-air temperature range
-40 to 125
°C
TSZ181, TSZ182
Absolute maximum ratings and operating conditions
DS11863 - Rev 5
page 3/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com